Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 21Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 22Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 23Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 24Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 25Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 26Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 27Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 28Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 81 page
background image
Datasheet
25
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Power Supply
A transmission of SPI commands during transition from Active to Limp Home mode or Limp Home to Active
mode may result in undefined SPI responses.
6.1.6
Definition of Power Supply modes transition times
The channel turn-ON time is as defined by parameter tON when TLE75620-EST is in Active mode or in Limp
Home mode. In all other cases, it is necessary to add the transition time required to reach one of the two
aforementioned Power Supply modes (as shown in Figure 14).
Figure 14 Transition Time diagram
6.2
Reset condition
One of the following 3 conditions resets the SPI registers to the default value:
• VDD is not present or below the undervoltage threshold VDD(UV)
• IDLE pin is set to “low”
• a reset command (HWCR.RST set to “1”) is executed
– ERRn bits are not cleared by a reset command (for functional safety)
– UVRVS and LOPVDD bits are cleared by a reset command
In particular, all channels are switched OFF (if there are no input pin set to “high”) and the Input Mapping
configuration is reset.
6.2.1
Undervoltage on VS
Between VS(UV) and VS(OP) the undervoltage mechanism is triggered. If the device is operative and the supply
voltage drops below the undervoltage threshold VS(UV), the logic set the bit UVRVS to “1”. As soon as the supply
voltage VS is above the minimum voltage operative threshold VS(OP), the bit UVRVS is set to “0” after the first
Standard Diagnosis readout. Undervoltage condition on VS influences the status of the channels, as described
OpModesTimings.emf
Sleep
Idle
tSLEEP2IDLE
Active
Limp Home
init
tIDLE2SLEEP
tACTIVE2IDLE
tIDLE2ACTIVE
tON
tACTIVE2LH
tLH2ACTIVE
tLH2SLEEP
tSLEEP2LH
tON
Channel ON
tACTIVE2SLEEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com