Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 25Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 26Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 27Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 28Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 29Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 30Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 31Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 32Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 81 page
background image
Datasheet
29
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Power Supply
Analog supply current
consumption inActivemode
with loads - channels 2-7 ON
(COR)
IVS(ACTIVE)
–
2.3
5.0
mA
IDLE = “high”
VINn floating
fSCLK = 0 MHz
HWCR.ACT = 1B
OUT.OUTn = 1B
(n = 2...7)
DIAG_IOL.OUTn =
0B
VCSN = VDD
VS ≤ VDD - 1 V
P_6.3.22
VDD pin
Logic Supply Operating
voltage
VDD(OP)
3.0
–
5.5
V
fSCLK = 5 MHz
P_6.3.23
Logic Supply Lower
Operating Voltage
VDD(LOP)
3.0
–
4.5
V
–
P_6.3.24
Undervoltage shutdown
VDD(UV)
1–
3.0
V
VSI = 0 V
VSCLK = 0 V
VCSN = 0 V
SO from “low” to
high impedance
P_6.3.25
Logic supply current in
Sleep mode
IVDD(SLEEP)
–0.1
2.5
µA
1)
VIDLE floating
VINn floating
VCSN = VDD
TJ ≤ 85 °C
P_6.3.26
Logic supply current in
Sleep mode
IVDD(SLEEP)
––
10
µA
VIDLE floating
VINn floating
VCSN = VDD
TJ = 150 °C
P_6.3.27
Logic supply current in Idle
mode
IVDD(IDLE)
–
–
0.3
mA
IDLE = “high”
VINn floating
fSCLK = 0 MHz
HWCR.ACT = 0B
OUT.OUTn = 0B
VCSN = VDD
P_6.3.28
Table 8
Electrical Characteristics Power Supply (cont’d)
VDD = 3 V to 5.5 V, VS = 7 V to 18 V, TJ = -40 °C to +150 °C, all voltages with respect to ground, positive currents
flowing as described in Figure 3 (unless otherwise specified)
Typical values: VDD = 5 V, VS = 13.5 V, TJ = 25 °C
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com