Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 46 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 46 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 42Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 43Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 44Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 45Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 46Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 47Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 48Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 49Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 50Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 81 page
background image
Datasheet
46
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Protection Functions
8.6
Electrical Characteristics Protection
Table 11
Electrical Characteristics Protection
VDD = 3 V to 5.5 V, VS = 7 V to 18 V, TJ = -40 °C to +150 °C (unless otherwise specified)
Typical values: VDD = 5 V, VS = 13.5 V, TJ = 25 °C
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Over Load
Over Load detection current IL(OVL0)
1.3
1.7
2.3
A
TJ = -40 °C
P_8.8.19
Over Load detection current IL(OVL0)
1.25
1.55
2.3
A
1)
TJ = 25 °C
P_8.8.20
Over Load detection current IL(OVL0)
11.45
2
A
TJ = 150 °C
P_8.8.21
Over Load detection current IL(OVL1)
0.7
0.95
1.3
A
TJ = -40 °C
P_8.8.22
Over Load detection current IL(OVL1)
0.65
0.85
1.3
A
1)
TJ = 25 °C
P_8.8.23
Over Load detection current IL(OVL1)
0.5
0.8
1.25
A
TJ = 150 °C
P_8.8.24
Over Load threshold switch
delay time
tOVLIN
110
170
260
µs
1)
P_8.8.5
Over Load shut-down delay
time
tOFF(OVL)
47
11
µs
1)
BIM.OUTn=HWCR
.PAR=0B
P_8.8.26
Over Temperature and Over Voltage
Thermal shut-down
temperature
TJ(SC)
150
1751)
2201)
°C
P_8.8.7
Over voltage protection
VS(AZ)
42
50
60
V
IVS = 10 mA
Sleep mode
P_8.8.8
Reverse Polarity
Drain Source diode during
reverse polarity
(auto-configurablechannels
used as Low-Side switches)
VDS(REV)
–
800
–
mV
1)
IL = -10 mA
TJ = 25 °C
Sleep mode
P_8.8.9
Drain Source diode during
reverse polarity
(auto-configurablechannels
used as Low-Side switches)
VDS(REV)
–
650
–
mV
IL = -10 mA
TJ = 150 °C
Sleep mode
P_8.8.10
On-State Resistance during
Reverse Polarity
(High-Side channels and
auto-configurable channels
used as High-Side switches)
RDS(REV)
–1.0
–
Ω
1)
VS = -VS(REV)
IL = IL(EAR)
TJ = 25 °C
P_8.8.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com