Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 67 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 67 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 63Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 64Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 65Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 66Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 67Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 68Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 69Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 70Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 71Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 81 page
background image
Datasheet
67
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Serial Peripheral Interface (SPI)
10.6.2
Register structure
The register banks the digital part have following structure:
Table 18 summarizes the available registers with their addresing space and size
Table 16
Register structure - all registers (with the exclusion of PWM_CR0 and PWM_CR1)
15
14
13
12
11
10
987654321
0
Default
r = 0
w = 1
r = 1
w = 0
ADDR0
ADDR1
DATA
XXXXH
Table 17
Register structure - PWM_CR0 and PWM_CR1
15
14
13
12
11
10
9876543210
Default
r = 0
w = 1
r = 1
w = 0
ADDR0
DATA
XXXXH
Table 18
Register addressing space
Register name ADDR0 ADDR1 Size Type Purpose
OUT
n = 7 to 0
0000B
00B
nr/w
Power output control register
bits OUT.OUTn
0B
(default) Output is OFF
1B
Output is ON
BIM
0000B
01B
8r/w
Bulb Inrush Mode
bits BIM.OUTn
0B
(default) Output latches OFF in case of errors
1B
Output restarts automatically in case of errors
MAPIN0
n = 7 to 0
0001B
00B
nr/w
Input Mapping (Input Pin 0)
bits MAPIN0.OUTn
0B
(default) The output is not connected to the input
pin
1B
The output is connected to the input pin
Note: Channel 2 has the corresponding bit set to “1” by
default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com