Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 12Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 13Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 14Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 15Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 16Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 17Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 18Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 19Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 81 page
background image
Datasheet
16
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Control Pins
5
Control Pins
The device has three pins (IN0, IN1 and IDLE) to control directly the device without using SPI.
5.1
Input pins
TLE75620-EST has two input pins available. Each input pin is connected by default to one channel (IN0 to
channel 2, IN1 to channel 3). Input Mapping Registers MAPIN0 and MAPIN1 can be programmed to connect
additional or different channels to each input pin, as shown in Figure 10. The signals driving the channels are
an OR combination between OUT register status, PWM Generators (according to PWM Generator Output
Mapping status), IN0 and IN1 (according to Input Mapping registers status). See Chapter 7.5 for further
details.
Figure 10 Input Mapping
The logic level of the input pins can be monitored via the Input Status Monitor Register (INST). The Input
Status Monitor is operative also when TLE75620-EST is in Limp Home mode. If one of the Input pins is set to
“high” and the IDLE pin is set to “low”, the device switches into Limp Home mode and activates the channel
mapped by default to the input pins. See Chapter 6.1.5 for further details.
5.2
IDLE pin
The IDLE pin is used to bring the device into Sleep mode operation when is set to “low” and all input pins are
set to “low”.When IDLE pin is set to “low” while one of the input pins is set to “high” the device enters Limp
Home mode.
To ensure a proper mode transition, IDLE pin must be set for at least tIDLE2SLEEP (P_6.3.54, transition from “high”
to “low”) or tSLEEP2IDLE (P_6.3.53, transition from “low” to “high”).
Setting the IDLE pin to “low” has the following consequences:
• All registers in the SPI are reset to default values
InputMapping_8ch.emf
Channel 7
Channel 6
Channel 5
Channel 4
Channel 3
Channel 2
Channel 1
Channel 0
OR
&
IN1
IIN1
IN0
IIN0
&
MAPIN1
MAPIN0
OUT
OR
8
8
8
8
8
8
8
Limp Home mode
(default )
Limp Home mode
(default )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com