Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 15Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 16Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 17Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 18Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 19Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 20Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 21Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 22Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 81 page
background image
Datasheet
19
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Power Supply
6
Power Supply
The TLE75620-EST is supplied by two supply voltages:
• VS (analog supply voltage used also for the logic and as drain for channels 0 and 1)
• VDD (digital supply voltage)
The VS supply line is connected to a battery feed and used, in combination with VDD supply, for the driving
circuitry of the power stages. In situations where VS voltage drops below VDD voltage (for instance during
cranking events down to 3.0 V), an increased current consumption may be observed at VDD pin.
VS and VDD supply voltages have an undervoltage detection circuit, which prevents the activation of the
associated function in case the measured voltage is below the undervoltage threshold. More in detail:
• An undervoltage on both VS and VDD supply voltages prevents the activation of the power stages and any
SPI communication (the SPI registers are reset)
• An undervoltage on VDD supply prevents any SPI communication. SPI read/write registers are reset to
default values.
• An undervoltage on VS supply forces the TLE75620-EST to drain all needed current for the logic from VDD
supply. All channels are disabled, and are enabled again as soon as VS ≥ VS(OP).
Figure 11 shows a basic concept drawing of the interaction between supply pins VS and VDD, the output stage
drivers and SO supply line.
Figure 11 TLE75620-EST Internal Power Supply concept
When 3.0 V ≤ VS ≤ VDD - VSDIFF TLE75620-EST operates in “Cranking Operative Range” (COR). In this condition the
current consumption from VDD pin increases while it decreases from VS pin where the total current
consumption remains within the specified limits. Figure 12 shows the voltage levels at VS pin where the
device goes in and out of COR. During the transition to and from COR operative region, IVS and IVDD change
between values defined for normal operation and for COR operation. The sum of both current remains within
limits specified in “Overall current consumption” section (see Table 8).
CP
GD
HS
SupplyConcept_620.emf
VS
VDD
IVS
IVDD
VREG
SPI
SO
UVR
VDD
UVR
VS
GD
S
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com