Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 16Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 17Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 18Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 19Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 20Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 21Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 22Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 23Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 81 page
background image
Datasheet
20
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Power Supply
Figure 12 “Cranking Operative Range”
Furthermore, when VS(UV) ≤ VS ≤ VS(OP) it may be not possible to switch ON a channel that was previously OFF.
All channels that are already ON keep their state unless they are switched OFF via SPI or via INn pins. An
overview of channel behavior according to different VS and VDD supply voltages is shown in Table 6 (the table
is valid after a successful power-up, see Chapter 6.1.1 for more details).
Supply transition
Supply transition
SupplyConcept_COR.emf
t
VS
VDD + VSDIFF
VDD -VSDIFF
3.0 V
(no)
COR
yes
(no)
t
IVS
VDD
IVDD
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com