Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 70 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 70 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 66Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 67Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 68Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 69Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 70Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 71Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 72Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 73Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 74Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 81 page
background image
Datasheet
70
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Serial Peripheral Interface (SPI)
HWCR_PWM
0011B
10B
8r/w
PWM Configuration Register
bits HWCR_PWM.ADJ (7:4)
0000B (reserved)
0001B base frequency fINT - 37.2%
0010B base frequency fINT - 31.9%
0011B base frequency fINT - 26.9%
0100B base frequency fINT - 21.0%
0101B base frequency fINT - 15.5%
0110B base frequency fINT - 10.9%
0111B base frequency fINT - 5.8%
1000B (default) base frequency fINT
1001B base frequency fINT + 4.3%
1010B base frequency fINT + 8.9%
1011B base frequency fINT + 14.0%
1100B base frequency fINT + 19.5%
1101B base frequency fINT + 25.6%
1110B base frequency fINT + 32.4%
1111B base frequency fINT + 40.0%
bits HWCR_PWM.PWM1 (1)
0B
(default) PWM Generator 1 not active
1B
PWM Generator 1 active
bits HWCR_PWM.PWM0 (0)
0B
(default) PWM Generator 0 not active
1B
PWM Generator 0 active
bits HWCR_PWM.RES (3:2) - reserved
PWM_CR0
0100B
–10
r/w
PMW Generator Configuration 0
bits PWM_CR0.FREQ (9:8)
00B (default) internal clock divided by 1024
01B internal clock divided by 512
10B internal clock divided by 256
11B 100% duty cycle
bits PWM_CR0.DC (7:0) (resolution: 0.39%)
00000000B, PWM generator is OFF
11111111B, PWM generator is ON (99.61% duty cycle)
PWM_CR1
0101B
–10
r/w
PMW Generator Configuration 1
bits PWM_CR1.FREQ (9:8)
00B (default) internal clock divided by 1024
01B internal clock divided by 512
10B internal clock divided by 256
11B 100% duty cycle
bits PWM_CR1.DC (7:0) (resolution: 0.39%)
00000000B, PWM generator is OFF
11111111B, PWM generator is ON (99.61% duty cycle)
Table 18
Register addressing space (cont’d)
Register name ADDR0 ADDR1 Size Type Purpose



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com