Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 47 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 47 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 43Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 44Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 45Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 46Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 47Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 48Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 49Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 50Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 51Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 81 page
background image
Datasheet
47
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Protection Functions
On-State Resistance during
Reverse Polarity
(High-Side channels and
auto-configurable channels
used as High-Side switches)
RDS(REV)
–1.8
–
Ω
1)
VS = -VS(REV)
IL = IL(EAR)
TJ = 150 °C
P_8.8.12
Timings
Restart time in Limp Home
mode
tRETRY0(LH)
710
13
ms
1)
P_8.8.13
Restart time in Limp Home
mode
tRETRY1(LH)
14
20
26
ms
1)
P_8.8.14
Restart time in Limp Home
mode
tRETRY2(LH)
28
40
52
ms
1)
P_8.8.15
Restart time in Limp Home
mode
tRETRY3(LH)
56
80
104
ms
1)
P_8.8.16
1) Not subject to production test - specified by design
Table 11
Electrical Characteristics Protection (cont’d)
VDD = 3 V to 5.5 V, VS = 7 V to 18 V, TJ = -40 °C to +150 °C (unless otherwise specified)
Typical values: VDD = 5 V, VS = 13.5 V, TJ = 25 °C
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com