Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 62 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 62 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 58Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 59Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 60Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 61Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 62Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 63Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 64Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 65Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 66Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 81 page
background image
Datasheet
62
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Serial Peripheral Interface (SPI)
10.5
SPI Protocol
The relationship between SI and SO content during SPI communication is shown in Figure 36. SI line
represents the frame sent from the µC and SO line is the answer provided by TLE75620-EST.
Figure 36 Relationship between SI and SO during SPI communication
The SPI protocol provides the answer to a command frame only with the next transmission triggered by the
µC. Although the biggest majority of commands and frames implemented in TLE75620-EST can be decoded
without the knowledge of what happened before, it is advisable to consider what the µC sent in the previous
transmission to decode TLE75620-EST response frame completely.
More in detail, the sequence of commands to “read” and “write” the content of a register looks as follows:
Figure 37 Register content sent back to µC
There are 3 special situations where the frame sent back to the µC is not related directly to the previous
received frame:
• in case an error in transmission happened during the previous frame (for instance, the clock pulses were
not multiple of 8 with a minimum of 16 bits), shown in Figure 38
• when TLE75620-EST logic supply comes out of Power-On reset condition or after a Software Reset, as
shown in Figure 39
• in case of command syntax errors
– “write” command starting with “11” instead of “10”
– “read” command starting with “00” instead of “01”
– “read” or “write” commands on registers which are “reserved” or “not used”
SI
SO
frame A
frame B
(previous
response )
response to
frame A
frame C
response to
frame B
SPI_SI2SO.emf
SI
SO
write register A
read register A
Standard
diagnostic
register A
content
(new command )
SPI_RWseq.emf
(previous
response )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com