Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 69 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 69 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 65Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 66Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 67Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 68Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 69Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 70Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 71Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 72Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 73Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 81 page
background image
Datasheet
69
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Serial Peripheral Interface (SPI)
DIAG_OLONEN 0010B
11B
8r/w
Open Load at ON diagnostic control
bits (7:4) - reserved
bits DIAG_OLONEN.MUX (3:0)
0000B Open Load at ON diagnostic active on channel 0
0001B Open Load at ON diagnostic active on channel 1
0010B Open Load at ON diagnostic active on channel 2
0011B Open Load at ON diagnostic active on channel 3
0100B Open Load at ON diagnostic active on channel 4
0101B Open Load at ON diagnostic active on channel 5
0110B Open Load at ON diagnostic active on channel 6
0111B Open Load at ON diagnostic active on channel 7
1000B (reserved)
1001B (reserved)
1010B Open Load at ON diagnosis loop start
1011B (reserved)
1100B (reserved)
1101B (reserved)
1110B (reserved)
1111B (default) Open Load at ON diagnostic not active
HWCR
0011B
00B
8r/w
Hardware Configuration Register
bit HWCR.ACT (7) (Active Mode)
0B
(default) Normal operation or device leaves Active
Mode
1B
Device enters Active Mode
(see Chapter 6.1 for a description of the possible
operative mode transitions)
bit HWCR.RST (6) (Reset)
0B
(default) Normal operation
1B
Execute Reset command (self clearing)
bits HWCR.PAR (3:0) (channels operating in parallel)
0B
(default) Normal operation
1B
two neighbour channels have Over Load and Over
Temperature synchronized (see Chapter 7.3 for
more details)
bits 5:4 - reserved (default: 0B)
HWCR_OCL
n = 7 to 0
0011B
01B
nw
Output Clear Latch
bits HWCR_OCL.OUTn
0B
(default) Normal operation
1B
Clear the error latch for the selected output
Table 18
Register addressing space (cont’d)
Register name ADDR0 ADDR1 Size Type Purpose



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com