Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 48 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 48 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 44Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 45Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 46Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 47Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 48Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 49Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 50Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 51Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 52Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 81 page
background image
Datasheet
48
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Diagnosis
9
Diagnosis
The SPI of TLE75620-EST provides diagnosis information about the device and the load status. Each channel
diagnosis information is independent from other channels. An error condition on one channel has no
influence on the diagnostic of other channels in the device (unless configured to work in parallel, see
Chapter 7.3 for more details).
9.1
Over Load and Over Temperature
When either an Over Load or an Over Temperature occurs on one channel, the diagnosis bit ERRn is set
accordingly. As described in Chapter 8.1 and Chapter 8.2, the channel latches OFF and must be reactivated
setting corresponding HWCR_OCL.OUTn bit to “1”.
9.2
Output Status Monitor
The device compares each channel VDS with VDS(OL) (auto-configurable channels used as Low-Side switches),
VOUT_S with VOUT_S(OL) (auto-configurable channels used as High-Side), VOUT with VOUT(OL) (High-Side channels)
and sets the corresponding DIAG_OSM.OUTn bits accordingly. The bits are updated every time DIAG_OSM
register is read.
• VOUT_S > VOUT_S(OL) → DIAG_OSM.OUTn = “1” (auto-configurable channels as High-Side)
A diagnosis current IOL in parallel to the power switch can be enabled by programming the DIAG_IOL.OUTn
bit, which can be used for Open Load at OFF detection. Each channel has its dedicated diagnosis current
source. If the diagnosis current IOL is enabled or if the channel changes state (ON → OFF or OFF → ON) it is
necessary to wait a time tOSM for a reliable diagnosis. Enabling IOL current sources increases the current
consumption of the device. Even if an Open Load is detected, the channel is not latched OFF.
See Figure 24 for a timing overview (the values of DIAG_IOL.OUTn refer to a channel in normal operation
properly connected to the load).
Figure 24 Output Status Monitor timing
Output Status Monitor diagnostic is available when VS = VS(NOR) and VDD ≥ VDD(UV).
INn
t
OutStatMon_timings.emf
OUT.OUTn
1
t
tON + tOSM
DIAG_OSM.OUTn
0
t
x
t
SPI readout of
DIAG_OSM.OUTn
1
0
0
Output voltage
comparator
tOFF + tOSM
x
0
x
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com