Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 53 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 53 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 49Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 50Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 51Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 52Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 53Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 54Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 55Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 56Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 81 page
background image
Datasheet
53
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Diagnosis
Figure 30 Open Load at ON timings (diagnosis loop - channels driven by internal PWM Generators
9.3.3
OLON bit
The OLON bit can assume the following values:
• “0” = no Open Load at ON state detected, or the channel is OFF when the diagnosis is performed
• “1” = Open Load at ON state detected
According to the setting of DIAG_OLONEN.MUX different information are reported in the Standard Diagnosis.
• DIAG_OLONEN.MUX set to 0000B → 0111B: The OLON bit shows the Open Load at ON state diagnosis
performed on the selected channel. The information is updated at every Standard Diagnosis readout.
• DIAG_OLONEN.MUX set to 1010B: the OLON bit shows the “OR” combination of all bits in DIAG_OLON
register. The information is updated while the diagnosis loop is running.
• DIAG_OLONEN.MUX set to 1111B: the OLON bit shows the result of the latest diagnosis loop performed. It
is necessary to start another diagnosis loop to update the information.
• DIAG_OLONEN.MUX set to any other value: The OLON bit is set to “0”. These values of
DIAG_OLONEN.MUX bits are reserved and should not be used in the application.
OpenLoadON_loop_int.emf
DIAG_OLONEN.MUX
1111
t
tOLONSW
DIAG_OLON.OUTn
(updated)
t
DIAG_OLON.OUTn+2
t
(updated)
DIAG_OLON.OUTn+3
t
(updated)
tOLONSW
tOLONSW
t
PWM Generator
tONMAX
DIAG_OLON.OUTn+1
(updated)
t
Allowed
t
(not allowed)
Multiplexer switch
for diagnosis
tOLONSW
(not allowed)
tONMAX
Allowed
tOLONSW
tOLONSW
1010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com