Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 65 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 65 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 61Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 62Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 63Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 64Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 65Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 66Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 67Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 68Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 69Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 81 page
background image
Datasheet
65
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Serial Peripheral Interface (SPI)
10.6
SPI Registers Overview
10.6.1
Standard Diagnosis
Table 15
Standard Diagnosis
15
14
13
12
11
10
9
8
76543210
Default
0UVR
VS
LOP
VDD
MODE
TER OL
ON
OL
OFF
ERR
7800H
Field
Bits
Type
Description
UVRVS
14
r
VSUndervoltage Monitor
0B
No undervoltage condition on VS detected (see Chapter 6.2.1
for more details)
1B
(default) There was at least one VSUndervoltage condition
since last Standard Diagnosis readout
LOPVDD
13
r
VDDLower Operating Range Monitor
0B
VDDis above VDD(LOP)
1B
(default) There was at least one “VDD = VDD(LOP)” condition since
last Standard Diagnosis readout
MODE
12:11
r
Operative Mode Monitor
00B (reserved)
01B Limp Home Mode
10B Active Mode
11B (default) Idle Mode
TER
10
r
Transmission Error
0B
Previous transmission was successful
(modulo 16 + n*8 clocks received, where n = 0, 1, 2...)
1B
(default) Previous transmission failed
The first frame after a reset is TER set to “high” and the INST
register. The second frame is the Standard Diagnosis with TER set to
“low” (if there was no fail in the previous transmission).
OLON
9r
Open Load at ON state Diagnosis
0B
(default) No Open Load at ON detected
1B
Open Load at ON detected
See Chapter 9.3.3 for a detailed explanation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com