Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 28Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 29Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 30Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 31Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 32Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 33Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 34Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 35Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 81 page
background image
Datasheet
32
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Power Supply
Voltage difference between
VS and VDD supply lines
VSDIFF
–
200
–
mV
1)
P_6.3.52
Timings
Sleep to Idle delay
tSLEEP2IDLE
–
200
400
µs
1)
from IDLE pin to
TER + INST
register = 8680H
(see
Chapter 10.6.1 for
details)
P_6.3.53
Idle to Sleep delay
tIDLE2SLEEP
–
100
200
µs
1)
from IDLE pin to
Standard
Diagnosis = 0000H
(see Chapter 10.5
for details)
externalpull-down
SO to GND
required
P_6.3.54
Idle to Active delay
tIDLE2ACTIVE
–
100
200
µs
1)
from INn or CSN
pins to MODE = 10B
P_6.3.55
Active to Idle delay
tACTIVE2IDLE
–
100
200
µs
1)
from INn or CSN
pins to MODE = 11B
P_6.3.56
Sleep to Limp Home delay
tSLEEP2LH
–
300
+tON
600
+tON
µs
1)
from INn pins
to VDS = 10% VS
P_6.3.57
Limp Home to Sleep delay
tLH2SLEEP
–
200
+tOFF
400
+tOFF
µs
1)
from INn pins to
Standard
Diagnosis = 0000H
(see
Chapter 10.6.1 for
details). External
pull-down SO to
GND required
P_6.3.58
Limp Home to Active delay tLH2ACTIVE
–
50
100
µs
1)
from IDLE pin to
MODE = 10B
P_6.3.59
Table 8
Electrical Characteristics Power Supply (cont’d)
VDD = 3 V to 5.5 V, VS = 7 V to 18 V, TJ = -40 °C to +150 °C, all voltages with respect to ground, positive currents
flowing as described in Figure 3 (unless otherwise specified)
Typical values: VDD = 5 V, VS = 13.5 V, TJ = 25 °C
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com