Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 45Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 46Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 47Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 48Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 49Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 50Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 51Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 52Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
Datasheet
49
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Diagnosis
Due to the fact that Output Status Monitor checks the voltage level at the outputs in real time, for Open Load
in OFF diagnostic it is necessary to synchronize the reading of DIAG_OSM register with the OFF state of the
channels.
Figure 25, Figure 26 and Figure 27 shows how Output Status Monitor is implemented at concept level.
Figure 25 Output Status Monitor - concept (auto-configurable channel as High-Side)
Figure 26 Output Status Monitor - concept (Auto-configurable channel as Low-Side)
OutStatMon_XS.emf
Auto-configurable
Channel (as high -side)
GND
VS
VOUT_Sn
OUT_Dn
OUT_Sn
VDS
ROL
I
OL
IOL
VOUT_S(OL)
DIAG_OSM.OUTn
VOUT_S > VOUT_S(OL)
DIAG_OSM.OUTn = „1"
OutStatMon_XS_LS.emf
Auto-configurable
Channel (as low-side)
GND
VS
OUT_Dn
OUT_Sn
VDS
ROL
IOL
IOL
VDS(OL)
VDS < VDS(OL)
DIAG_OSM.OUTn = „1"
DIAG_OSM.OUTn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com