Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 71 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 71 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 67Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 68Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 69Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 70Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 71Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 72Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 73Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 74Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 75Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 81 page
background image
Datasheet
71
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Serial Peripheral Interface (SPI)
10.6.3
Register summary
All registers with addresses not mentioned in Table 19 and Table 20 have to be considered as “reserved”.
“Read” operations performed on those registers return the Standard Diagnosis. The column “Default”
indicates the content of the register (8 or 10 bits) after a reset.
PWM_OUT
1001B
00B
8r/w
PWM Generator Output Control
bits PWM_OUT.OUTn
0B
(default) The selected output is not driven by one of
the two PWM Generators
1B
The selected output is connected to a PWM
Generator
PWM_MAP
1001B
01B
8r/w
PWM Generator Output Mapping
bits PWM_MAP.OUTn
0B
(default) The selected output is connected to PWM
Generator 0
1B
The selected output is connected to PWM Generator
1
It is necessary to set the PWM_OUT register to activate the
PWM Generator control for the outputs.
Table 19
Addressable registers (basic functions)
15
14
13-10
9
87
65
43
21
0
Default
r = 0
w = 1
r = 1
w = 0
0000
00
OUT.OUTn
00H
r = 0
w = 1
r = 1
w = 0
0001
00
MAPIN0.OUTn
04H
r = 0
w = 1
r = 1
w = 0
0001
01
MAPIN1.OUTn
08H
0
1
0001
10
TER
(reserved)
INST.INn
00H
r = 0
w = 1
r = 1
w = 0
0010
00
DIAG_IOL.OUTn
00H
0
1
0010
01
DIAG_OSM.OUTn
00H
r = 0
w = 1
r = 1
w = 0
0011
00
HWC
R.ACT
HWC
R.RST
(reserved)
HWCR.PAR
00H
r = 0
w = 1
r = 1
w = 0
0011
01
HWCR_OCL.OUTn
00H
Table 20
Addressable registers (advanced functions)
15
14
13-10
9
87
65
43
21
0
Default
r = 0
w = 1
r = 1
w = 0
0000
01
BIM.OUTn
00H
Table 18
Register addressing space (cont’d)
Register name ADDR0 ADDR1 Size Type Purpose



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com