Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 56 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 56 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 52Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 53Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 54Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 55Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 56Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 57Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 58Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 59Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 60Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 81 page
background image
Datasheet
56
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Serial Peripheral Interface (SPI)
10
Serial Peripheral Interface (SPI)
The serial peripheral interface (SPI) is a full duplex synchronous serial slave interface, which uses four lines:
SO, SI, SCLK and CSN. Data is transferred by the lines SI and SO at the rate given by SCLK. The falling edge of
CSN indicates the beginning of an access. Data is sampled in on line SI at the falling edge of SCLK and shifted
out on line SO at the rising edge of SCLK. Each access must be terminated by a rising edge of CSN. A modulo
8/16 counter ensures that data is taken only when a multiple of 8 bit has been transferred after the first 16 bits.
Otherwise a TER bit is asserted. In this way the interface provides daisy chain capability with 16 bit as well as
with 8 bit SPI devices.
Figure 31 Serial Peripheral Interface
10.1
SPI Signal Description
CSN - Chip Select
The system microcontroller selects the TLE75620-EST by means of the CSN pin. Whenever the pin is in “low”
state, data transfer can take place. When CSN is in "high" state, any signals at the SCLK and SI pins are ignored
and SO is forced into a high impedance state.
CSN “high” to “low” Transition
• The requested information is transferred into the shift register.
• SO changes from high impedance state to "high" or “low” state depending on the logic OR combination
between the transmission error flag (TER) and the signal level at pin SI. This allows to detect a faulty
transmission even in daisy chain configuration.
• If the device is in Sleep mode, SO pin remains in high impedance state and no SPI transmission occurs.
Figure 32
Combinatorial Logic for TER bit
14
13
12
11
14
13
12
11
MSB
MSB
SPI _16bit.emf
LSB
6
5
4
3
2
1
LSB
6
5
4
3
2
1
10
9
8
10
9
8
7
7
SO
SI
CSN
SCLK
time
SPI _TER.emf
SI
SPI
OR
TER
0
1
SO
CSN
SCLK
S
SO
S
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com