Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 59 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 59 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 55Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 56Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 57Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 58Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 59Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 60Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 61Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 62Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 63Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 81 page
background image
Datasheet
59
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Serial Peripheral Interface (SPI)
10.4
Electrical Characteristics
VDD = 3 V to 5.5 V, VS = 7 V to 18 V, TJ = -40 °C to +150 °C (unless otherwise specified)
Typical values: VDD = 5 V, VS = 13.5 V, TJ = 25 °C
Table 13
Electrical Characteristics Serial Peripheral Interface (SPI)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Input Characteristics (CSN, SCLK, SI) - “low” level of pin
CSN
VCSN(L)
0–
0.8
V
–
P_10.4.1
SCLK
VSCLK(L)
0–
0.8
V
–
P_10.4.2
SI
VSI(L)
0–
0.8
V
–
P_10.4.3
Input Characteristics (CSN, SCLK, SI) - “high” level of pin
CSN
VCSN(H)
2–
VDD
V
–
P_10.4.4
SCLK
VSCLK(H)
2–
VDD
V
–
P_10.4.5
SI
VSI(H)
2–
VDD
V
–
P_10.4.6
Input Pull-Up Current at Pin CSN
L-input pull-up current at CSN pin -ICSN(L)
30
60
90
μA
VDD = 5 V
VCSN = 0.8 V
P_10.4.7
H-input pull-up current at CSN pin -ICSN(H)
20
40
65
μA
VDD = 5 V
VCSN = 2 V
P_10.4.8
L-Input Pull-Down Current at Pin
SCLK
ISCLK(L)
512
20
μA
VSCLK = 0.8 V
P_10.4.9
SI
ISI(L)
512
20
μA
VSI = 0.8 V
P_10.4.10
H-Input Pull-Down Current at Pin
SCLK
ISCLK(H)
14
28
45
μA
VSCLK = 2 V
P_10.4.11
SI
ISI(H)
14
28
45
μA
VSI = 2 V
P_10.4.12
Output Characteristics (SO)
L level output voltage
VSO(L)
0–
0.4
V
ISO = -1.5 mA
P_10.4.13
H level output voltage
VSO(H)
VDD - 0.4 –
VDD
V
ISO = 1.5 mA
P_10.4.14
Output tristate leakage current
ISO(OFF)
-1
–
1
μA
VCSN =VDD
VSO = 0 V
P_10.4.15
Output tristate leakage current
ISO(OFF)
-1
–
1
μA
VCSN =VDD
VSO = VDD
P_10.4.16
Timings
Enable lead time (falling CSN to
rising SCLK)
tCSN(lead) 200
–
–
ns
1)
VDD = 4.5 V or VS
> 7 V
P_10.4.17
Enable lag time (falling SCLK to
rising CSN)
tCSN(lag)
200
–
–
ns
1)
VDD = 4.5 V or VS
> 7 V
P_10.4.18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com