Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 52 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 52 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 48Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 49Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 50Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 51Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 52Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 53Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 54Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 55Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 56Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 81 page
background image
Datasheet
52
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Diagnosis
– The internal multiplexer is set to the next channel. After a time tOLONSW the diagnosis is completed
(DIAG_OLON.OUTn bit is updated) for the currently selected channel. This step is repeated for all
remaining PWM generator driven channels.
If the channel is in OFF state during the PWM period, the internal logic waits for the ON state to perform
the diagnosis. After a time tONMAX + tOLONSW the diagnosis for that channel is completed.
– The minimum ON time for a reliable diagnosis is > tONMAX + tOLONSW. If the ON time is < tONMAX + tOLONSW the
corresponding DIAG_OLON.OUTn is set to “0B”.
When the loop finishes, DIAG_OLONEN.MUX bits are set back to 1111B (default value) and DIAG_OLON.OUTn
bits store the last diagnosis loop result. It is necessary to start another diagnosis loop to update the register
content.
Figure 29 shows the timing in case of channels driven directly by micro-controller, while Figure 30 represents
the case with channels driven by internal PWM Generators.
Figure 29 Open Load at ON timings (diagnosis loop - channels driven by micro-controller directly)
IL0
OpenLoadON_loop_ext_8ch.emf
DIAG_OLONEN.MUX
1111
1010
t
t
tOLONSET
DIAG_OLON.OUT0
0
t
t
tOLONSW
DIAG_OLON.OUT1
t
1
IL1
1111
t
DIAG_OLON.OUT7
t
0
IL7
Ch. 0
(ON)
Ch. 1 (ON in
Open Load)
Ch. 7 (OFF)
tOLONSW tOLONSW tOLONSW tOLONSW tOLONSW tOLONSW
IL(OL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com