Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 74 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 74 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 70Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 71Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 72Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 73Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 74Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 75Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 76Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 77Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 78Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 81 page
background image
Datasheet
74
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Application Information
11
Application Information
Note:
The following information is given as a hint for the implementation of the device only and shall not
be regarded as a description or warranty of a certain functionality, condition or quality of the device.
Figure 41 TLE75620-EST Application Diagram
Note:
This is a very simplified example of an application circuit. The function must be verified in the real
application.
Table 22
Suggested Component values
Reference
Value
Purpose
RIN
4.7 kΩ
Protection of the micro-controller during Over Voltage and Reverse Polarity
Guarantee TLE75620-EST channels OFF during Loss of Ground
RIDLE
4.7 kΩ
Protection of the micro-controller during Over Voltage and Reverse Polarity
Guarantee TLE75620-EST channels OFF during Loss of Ground
RCSN
500 Ω
Protection of the micro-controller during Over Voltage and Reverse Polarity
RSCLK
500 Ω
Protection of the micro-controller during Over Voltage and Reverse Polarity
RSI
500 Ω
Protection of the micro-controller during Over Voltage and Reverse Polarity
RSO
500 Ω
Protection of the micro-controller during Over Voltage and Reverse Polarity
VBATT
OUT5_S
OUT5_D
OUT4_S
OUT4_D
OUT3_S
OUT3_D
OUT7_S
OUT7_D
OUT6_S
OUT6_D
OUT1_HS
OUT0_HS
Application_620.emf
ZVS
IDLE
IN1
SO
GND
VDD
CVDD
IN0_LH
IN1_LH
LIMPHOME
RIN
GPO
VDD
RIN
RIDLE
RCSN
RSCLK
RSI
RSO
SI
CSN
VDD
SCLK
IN0
VS
GPO
GPO
GPO
GPO
GPO
GPI
GND
VBATT1
VBATT2
VBATT3
CVS
OUT2_S
OUT2_D
RVDD
RLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com