Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 68 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 68 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 64Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 65Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 66Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 67Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 68Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 69Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 70Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 71Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 72Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 81 page
background image
Datasheet
68
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Serial Peripheral Interface (SPI)
MAPIN1
n = 7 to 0
0001B
01B
nr/w
Input Mapping (Input Pin 1)
bits MAPIN1.OUTn
0B
(default) The output is not connected to the input
pin
1B
The output is connected to the input pin
Note: Channel 3 has the corresponding bit set to “1” by
default
INST
0001B
10B
8r
Input Status Monitor
bit TER
0B
Previous transmission was successful
(modulo 16 + n*8 clocks received, where n = 0, 1, 2...)
1B
(default) Previous transmission failed
bits INST.RES (6:2) - reserved
bits INST.INn (1:0)
0B
(default) The input pin is set to “low”
1B
The input pin is set to “high”
First register transmitted after a reset of the logic
DIAG_IOL
n = 7 to 0
0010B
00B
nr/w
Open Load diagnostic current control
bits DIAG_IOL.OUTn
0B
(default) Diagnosis current not enabled
1B
Diagnosis current enabled
DIAG_OSM
n = 7 to 0
0010B
01B
nr
Output Status Monitor
bits DIAG_OSM.OUTn
0B
(default) VDS> VDS(OL) (Auto-configurable used as
Low-Side switches) or VOUT_S < VOUT_S(OL) (High-Side
channels and Auto-configurable used as High-Side
switches)
1B
VDS< VDS(OL) (Auto-configurable used as Low-Side
switches) or VOUT_S > VOUT_S(OL) (High-Side channels
and Auto-configurable used as High-Side switches)
DIAG_OLON
0010B
10B
8r
Open Load at ON monitor
bits DIAG_OLON.OUTn
0B
(default) normal operation or diagnosis performed
on channel OFF
1B
Open Load at ON detected
This feature is active only on High-Side channels and auto-
configurable channels used as High-Side switches
Table 18
Register addressing space (cont’d)
Register name ADDR0 ADDR1 Size Type Purpose



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com