Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 72 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 72 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 68Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 69Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 70Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 71Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 72Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 73Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 74Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 75Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 76Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 81 page
background image
Datasheet
72
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Serial Peripheral Interface (SPI)
10.6.4
SPI command quick list
A summary of the most used SPI commands (read and write operations on all registers) is shown in Table 21
r = 0
w = 1
r = 1
w = 0
0010
10
DIAG_OLON.OUTn
00H
r = 0
w = 1
r = 1
w = 0
0010
11
(reserved)
DIAG_OLONEN.MUX
0FH
r = 0
w = 1
r = 1
w = 0
0011
10
HWCR_PWM.ADJ
(reserved)
HWC
R_PW
M.PW
M1
HWC
R_PW
M.PW
M0
80H
r = 0
w = 1
r = 1
w = 0
0100
PWM_CR0.FR
EQ
PWM_CR0.DC
000H
r = 0
w = 1
r = 1
w = 0
0101
PWM_CR1.FR
EQ
PWM_CR1.DC
000H
r = 0
w = 1
r = 1
w = 0
1001
00
PWM_OUT.OUTn
00H
r = 0
w = 1
r = 1
w = 0
1001
01
PWM_MAP.OUTn
00H
Table 21
SPI command quick list
Register
“read” command” “write” command
content written
OUT
4002H
80XXH
XXH = xxxxxxxxB
BIM
4102H
81XXH
XXH = xxxxxxxxB
MAPIN0
4402H
84XXH
XXH = xxxxxxxxB
MAPIN1
4502H
85XXH
XXH = xxxxxxxxB
INST
4602H
n.a. (read-only)
–
DIAG_IOL
4802H
88XXH
XXH = xxxxxxxxB
DIAG_OSM
4902H
n.a. (read-only)
–
DIAG_OLON
4A02H
8AXXH
XXH = xxxxxxxxB
DIAG_OLONEN
4B02H
8BXXH
XXH = xxxxxxxxB
HWCR
4C02H
8CXXH
XXH = xxxxxxxxB
HWCR_OCL
4D02H
8DXXH
XXH = xxxxxxxxB
HWCR_PWM
4E02H
8EXXH
XXH = xxxxxxxxB
PWM_CR0
5002H
90XXH
0XXH = 00xxxxxxxxB
91XXH
1XXH = 01xxxxxxxxB
92XXH
2XXH = 10xxxxxxxxB
93XXH
3XXH = 11xxxxxxxxB
Table 20
Addressable registers (advanced functions)
15
14
13-10
9
87
65
43
21
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com