Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 40Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 41Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 42Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 43Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 44Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 45Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 46Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 47Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 81 page
background image
Datasheet
44
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Protection Functions
8
Protection Functions
8.1
Over Load Protection
The TLE75620-EST is protected in case of over load or short circuit of the load. There are two over load current
thresholds (see Figure 21):
• IL(OVL0) between channel switch ON and tOVLIN
• IL(OVL1) after tOVLIN
Every time the channel is switched OFF for a time longer than 2 * tSYNC the over load current threshold is set
back to IL(OVL0).
Figure 21 Over Load current thresholds
In case the load current is higher than IL(OVL0) or IL(OVL1), after time tOFF(OVL) the over loaded channel is switched
OFF and the according diagnosis bit ERRn is set. The channel can be switched ON after clearing the protection
latch by setting the corresponding HWCR_OCL.OUTn bit to “1”. This bit is set back to “0” internally after de-
latching the channel. Please refer to Figure 22 for details.
Figure 22 Latch OFF at Over Load
8.2
Over Temperature Protection
A temperature sensor is integrated for each channel, causing an overheated channel to switch OFF to prevent
destruction. The according diagnosis bit ERRn is set (combined with Over Load protection). The channel can
INn
IL(OVL)
t
t
OverLoadStep.emf
tOVLIN
OUT.OUTn
IL(OVL0)
IL(OVL 1)
INn
ILn
t
t
OverLoad.emf
tOFF(OVL)
IL(OVLn)
OUT.OUTn
SPI command to set
HWCR_OCL.OUTn = 1b
t
t
ERRn
1
0
0
t
1
0
0
HWCR_OCL.OUTn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com