Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 45 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 45 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 41Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 42Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 43Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 44Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 45Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 46Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 47Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 48Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 49Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 81 page
background image
Datasheet
45
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Protection Functions
be switched ON after clearing the protection latch by setting the corresponding HWCR_OCL.OUTn bit to “1”.
This bit is set back to “0” internally after de-latching the channel.
8.3
Over Temperature and Over Load Protection in Limp Home mode
When TLE75620-EST is in Limp Home mode, channels 2 and 3 can be switched ON using the input pins. In case
of Over Load, Short Circuit or Over Temperature the channels switch OFF. If the input pins remain “high”, the
channels restart with the following timings:
• 10 ms (first 8 retries)
•20 ms (following 8 retries)
•40 ms (following 8 retries)
• 80 ms (as long as the input pin remains “high” and the error is still present)
If at any time the input pin is set to “low” for longer than 2*tSYNC, the restart timer is reset. At the next channel
activation while in Limp Home mode the timer starts from 10 ms again. See Figure 23 for details. Over Load
current thresholds behave as described in Chapter 8.1.
Figure 23 Restart timer in Limp Home mode
8.4
Reverse Polarity Protection
In Reverse Polarity (also known as Reverse Battery) condition, power dissipation is caused by the intrinsic
body diode of each DMOS channel (for auto-configurable channels used as Low-Side switches), while High-
Side channels and auto-configurable channels used as High-Side switches have Reversave™ functionality.
Each ESD diode of the logic and supply pins contributes to total power dissipation. Channels with Reversave™
functionality are switched ON almost with the same RDS(ON) (see parameter RDS(REV)). The reverse current
through the channels has to be limited by the connected loads. The current through digital power supply VDD
and input pins has to be limited as well (please refer to the Absolute Maximum Ratings listed on Chapter 4.1).
Note:
No protection mechanism like temperature protection or current limitation is active during reverse
polarity.
8.5
Over Voltage Protection
In the case of supply voltages between VS(SC) and VS(LD) the output transistors are still operational and follow
the input pins or the OUT register.
In addition to the output clamp for inductive loads as described in Chapter 7.1.2, there is a clamp mechanism
available for over voltage protection for the logic and all channels, monitoring the voltage between VS and
GND pins (VS(AZ)).
IN0
IN1
IL2
I
L3
t
t
LHrestart.emf
tRETRY0(LH)
10 ms
01
8
tRETRY1(LH)
20 ms
1
8
tRETRY2(LH)
40 ms
1
8
tRETRY3(LH)
80 ms
tRETRY0(LH)
10 ms
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com