Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 37 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 37 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 33Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 34Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 35Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 36Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 37Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 38Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 39Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 40Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 41Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 81 page
background image
Datasheet
37
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Power Stages
The synchronization bits influence only how the channels react to Over Load or Over Temperature conditions.
Synchronized channels have to be switched ON and OFF individually by the micro-controller.
7.4
“Bulb Inrush Mode” (BIM)
Although TLE75620-EST is optimized for relays and LED, it may be necessary to use one or more of the outputs
as high-side switches to drive small lamps (typically 2 W) or electronic loads with a big input capacitor. In such
operative conditions, at the switch ON an inrush current may appear, reaching the overload current threshold
which latches the channel OFF (see Chapter 8.1 for further details). In normal operation the device waits until
the microcontroller sends an SPI command to clear the latches (register HWCR_OCL) allowing the channel to
turn ON again. Usually this delay is too long to transfer enough energy to the load.
If the corresponding bit BIM.OUTn is set to “1”, in case the channel reaches the overload current threshold or
the overtemperature threshold and latches OFF, it restarts automatically after a time tINRUSH, allowing the load
to go out of the inrush phase. A time diagram is shown in Figure 19. As shown, the counter starts when the
channel is switched ON. Every channel switch OFF (independently from the entity controlling the channel - see
Figure 20 for further details) resets the bit BIM.OUTn to “0”.
While BIM.OUTn bits are set to “1”, ERRn bits may be also set to “1” but this doesn’t latch the channel OFF.
An internal timer set the bit BIM.OUTn back to “0” after 40 ms (parameter tBIM) to prevent an excessive thermal
stress to the channel, especially in case of short circuit at the output.
TLE75620-EST allows a per-channel selection of Bulb Inrush Mode (BIM) in order to be fully flexible without any
additional reliability risk.
Figure 19 Bulb Inrush Mode (BIM) operation
7.5
Automatic PWM Generator
The TLE75620-EST has two independent automatic PWM generator implemented. Each PWM generator can be
assigned to one or more channels, and can be programmed with a different duty cycle and frequency.
Both PWM generator refer to a base frequency fINT generated by an internal oscillator. This base frequency can
be adjusted using HWCR_PWM.ADJ bits as described in Table 9.
t
INn
ILn
t
t
PowerStage_BIM.emf
tBIM
ERRn
IL(OVL0)
OUT.OUTn
BIM.OUTn
IL(OVL1)
tINRUSH
tINRUSH
0
1
1
t
tOVLIN
0
1
0 1 0
1
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com