Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 51 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 51 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 47Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 48Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 49Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 50Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 51Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 52Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 53Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 54Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 55Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 81 page
background image
Datasheet
51
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Diagnosis
Figure 28 Open Load at ON timings (direct channels diagnosis)
9.3.2
Open Load at ON - diagnosis loop
When DIAG_OLONEN.MUX bits are programmed with the value 1010B, the device starts a diagnosis loop
where all auto-configurable (when used as high-side switches) and high-side channels are checked for Open
Load at ON. The internal multiplexer is controlled by the internal logic, therefore there is no need for the
micro-controller to send any additional command.
First the internal logic checks all channels which are directly driven by the micro-controller and not configured
to be driven by the internal PWM generator, then the internal logic checks all channels which are configured
to be driven by the internal PWM generator.
• Diagnosis sequence for channels driven directly by the micro-controller
– First channel checked: channel 0. It is recommended that the channels are ON at least tON before
activating the diagnosis loop.
–After a time tOLONSET + tSYNC the diagnosis for the first channel is completed (DIAG_OLON.OUTn bit is
updated)
– The internal multiplexer is set to the next channel. After a time tOLONSW + tSYNCthe diagnosis is completed
(DIAG_OLON.OUTn bit is updated) for the currently selected channel. This step is repeated for all
remaining directly driven channels.
– If one channel is OFF when the diagnosis is performed, the corresponding DIAG_OLON.OUTn is set to
“0B”
• Diagnosis sequence for channels driven by the internal PWM Generators (see Chapter 7.5)
– These channels are diagnosed only after all channels directly driven by micro-controller are checked
– Channels mapped to PWM Generator 0 are diagnosed first
–After a time tOLONSET the channel activation (switch ON) is the trigger event to perform Open Load at ON
diagnosis for the first channel
–After a time tONMAX + tOLONSW the diagnosis for the first channel is completed (DIAG_OLON.OUTn bit is
updated)
INn
ILn
t
OpenLoadON_direct.emf
OUT.OUTn
DIAG_OLONEN.MUX
1111
≠ 1111 (ch. n)
tON
t
t
tOLONSET
DIAG_OLON.OUTn
0
t
t
SPI readout of
DIAG_OLON.OUTn
1
0
1
IL(OL)
tOLONSW
tOLONSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com