Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 61 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 61 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 57Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 58Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 59Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 60Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 61Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 62Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 63Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 64Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 65Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 81 page
background image
Datasheet
61
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Serial Peripheral Interface (SPI)
Output enable time (falling CSN to
SO valid)
tSO(en)
––
1
μs
1)
VDD = VS = 3.0 V
CL = 20 pF at SO
pin
P_10.4.32
Output disable time (rising CSN to
SO tristate)
tSO(dis)
––
1
μs
1)
VDD = VS = 3.0 V
CL = 20 pF at SO
pin
P_10.4.33
Serial clock frequency
fSCLK
––
1
MHz 1)
VDD = VS = 3.0 V
P_10.4.34
Serial clock period
tSCLK(P)
1–
–
μs
1)
VDD = VS = 3.0 V
P_10.4.35
Serial clock “high” time
tSCLK(H)
375
–
–
ns
1)
VDD = VS = 3.0 V
P_10.4.36
Serial clock “low” time
tSCLK(L)
375
–
–
ns
1)
VDD = VS = 3.0 V
P_10.4.37
Data setup time (required time SI
to falling SCLK)
tSI(su)
100
–
–
ns
1)
VDD = VS = 3.0 V
P_10.4.38
Data hold time (falling SCLK to SI) tSI(h)
100
–
–
ns
1)
VDD = VS = 3.0 V
P_10.4.39
Output data valid time with
capacitive load
tSO(v)
–
–
500
ns
1)
VDD = VS = 3.0 V
CL = 20 pF at SO
pin
P_10.4.40
1) Not subject to production test, specified by design
Table 13
Electrical Characteristics Serial Peripheral Interface (SPI) (cont’d)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com