Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 32Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 33Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 34Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 35Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 36Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 37Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 38Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 39Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 81 page
background image
Datasheet
36
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Power Stages
7.1.3
Maximum Load Inductance
During demagnetization of inductive loads, energy has to be dissipated in the TLE75620-EST. Equation (7.1)
and Equation (7.2) can be used for high-side switches (auto-configurable switches can use all equations,
depending on the load position):
(7.1)
(7.2)
The maximum energy, which is converted into heat, is limited by the thermal design of the component. The
EAR value provided in Table 2 assumes that all channels can dissipate the same energy when the inductances
connected to the outputs are demagnetized at the same time.
7.2
Inverse Current Behavior
During inverse current (VOUTn_S > VOUTn_D) in high-side configuration or (VOUTn > VSn) the affected channels stays
in ON- or in OFF- state. Furthermore, during applied inverse currents the ERRn bit can be set if the channel is
in ON-state and the over temperature threshold is reached.
The general functionality (switch ON and OFF, protection, diagnostic) of unaffected channels is not influenced
by inverse currents applied to other channels. Parameter deviations are possible especially for the following
ones (Over Temperature protection is not influenced):
• Switching capability: tON, tOFF, dV/dtON, -dV/dtOFF
•Protection: IL(OVL0), IL(OVL1)
• Diagnostic: VDS(OL), VOUT_S(OL), IL(OL)
Reliability in Limp Home condition for the unaffected channels is unchanged.
Note:
No protection mechanism like temperature protection or over load protection is active during
applied inverse currents. Inverse currents cause power losses inside the DMOS, which increase the
overall device temperature. This could lead to a switch OFF of unaffected channels due to Over
Temperature
7.3
Switching Channels in parallel
In case of appearance of a short circuit with channels in parallel, it may happen that the two channels switch
OFF asynchronously, therefore bringing an additional thermal stress to the channel that switches OFF last. In
order to avoid this condition, it is possible to parametrize in the SPI registers the parallel operation of two
neighbour channels (bits HWCR.PAR). When operating in this mode, the fastest channel to react to an Over
Load or Over Temperature condition will deactivate also the other. The inductive energy that two channels
can handle once set in parallel is lower than twice the single channel energy (see P_7.6.11). It is possible to
synchronize the following couples of channels:
• channel 0 and channel 2 → HWCR.PAR (0) set to “1”
• channel 1 and channel 3 → HWCR.PAR (1) set to “1”
• channel 4 and channel 6 → HWCR.PAR (2) set to “1”
• channel 5 and channel 7 → HWCR.PAR (3) set to “1”
EVS V
–
OUTS CL
()
()
VOUTS CL
()
RL
---------------------------
1
RL I
⋅
L
VOUTS CL
()
---------------------------
–
⎝⎠
⎛⎞ I
L
+
ln
⋅
L
RL
------
⋅⋅
=
EVS V
–
OUT CL
()
()
VOUT CL
()
RL
------------------------
1
RL I
⋅
L
VOUT CL
()
------------------------
–
⎝⎠
⎛⎞ I
L
+
ln
⋅
L
RL
------
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com