Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 60Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 61Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 62Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 63Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 64Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 65Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 66Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 67Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 81 page
background image
Datasheet
64
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Serial Peripheral Interface (SPI)
Table 14
SPI Command summary1)
1) “a” = address bits for ADDR0 field, “b” = address bit for ADDR1 field, “c” = register content, “d” = diagnostic bit
Requested Operation
Frame sent to SPIDER+ (SI pin)
Frame received from SPIDER+ (SO
pin) with the next command
Read Standard Diagnosis
0xxxxxxxxxxxxx01B
(“xxxxxxxxxxxxB” = don´t care)
0dddddddddddddddB
(Standard Diagnosis)
Write 10 bit register
10aaaaccccccccccB
where:
“aaaaB” = register address ADDR0
“ccccccccccB” = new register
content
0dddddddddddddddB
(Standard Diagnosis)
Read 10 bit registers
01aaaaxxxxxxxx10B
where:
“aaaaB” = register address ADDR0
“xxxxxxxxB” = don´t care
10aaaaccccccccccB
where:
“aaaaB” = register address ADDR0
“ccccccccccB” = register content
Write 8 bit register
10aaaabbccccccccB
where:
“aaaaB” = register address ADDR0
“bbB” = register address ADDR1
“ccccccccB” = new register content
0dddddddddddddddB
(Standard Diagnosis)
Read 8 bit registers
01aaaabbxxxxxx10B
where:
“aaaaB” = register address ADDR0
“bbB” = register address ADDR1
“xxxxxxB” = don´t care
10aaaabbccccccccB
where:
“aaaaB” = register address ADDR0
“bbB” = register address ADDR1
“ccccccccB” = register content



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com