Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 34Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 35Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 36Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 37Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 38Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 39Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 40Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 41Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 42Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 81 page
background image
Datasheet
38
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Power Stages
For each PWM generator 4 parameters can be set:
• duty cycle (bits PWM_CR0.DC for PWM Generator 0)
– 8 bits are available to achieve 0.39% duty cycle resolution
– when the micro-controller programs a new duty cycle, the PWM generator waits until the previous cycle
is completed before using the new duty cycle (this happens also when the duty cycle is either 0% or
100% - the new duty cycle is taken with the next PWM cycle)
– the maximum duty cycle achievable is 99.61% (PWM_CR0.DC set to “11111111B”). It is possible to
achieve 100% by setting PWM_CR0.FREQ to “11B”
•frequency (bits PWM_CR0.FREQ for PWM Generator 0)
– with 2 bits is possible to select the divider for fINT to achieve the needed duty cycle
–00B = fINT / 1024 (when fINT = 102.4 kHz the corresponding PWM frequency is 100 Hz)
–01B = fINT / 512 (corresponding to 200 Hz)
–10B = fINT / 256 (corresponding to 400 Hz)
• channel output control and mapping registers PWM_OUT and PWM_MAP)
– any channel can be mapped to each PWM Generator
– together with 2 parallel input it is possible to have 4 independent PWM groups of channels with low
effort from the point of view of micro-controller resources and SPI data traffic
Figure 20 expands the concept shown in Figure 10 adding the PWM Generators.
Table 9
HWCR_PWM.ADJ coefficients overview
bit content
absolute delta to fINT
relative delta between steps
0000B
(reserved)
(reserved)
0001B
-37.2%
-5.2%
0010B
-31.9%
-5.1%
0011B
-26.9%
-5.9%
0100B
-21.0%
-5.5%
0101B
-15.5%
-4.6%
0110B
-10.9%
-5.1%
0111B
-5.8%
-5.8%
1000B
––
1001B
+4.3%
+4.3%
1010B
+8.9%
+4.6%
1011B
+14.0%
+5.1%
1100B
+19.5%
+5.6%
1101B
+25.6%
+6.1%
1110B
+32.4%
+6.8%
1111B
+40.0%
+7.6%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com