Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 41 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 41 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 37Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 38Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 39Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 40Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 41Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 42Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 43Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 44Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 81 page
background image
Datasheet
41
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Power Stages
Power stage voltage drop at
low battery
Auto-configurable channels
VDS(OP)
––
1
V
RL = 50 Ω
connected to VS or
ground
VS = VS(OP),max
VDn = VS(OP),max
refer to Figure 17
P_7.6.13
Power stage voltage drop at
low battery
High-side channels
VDS(OP)
––
1
V
RL = 50 Ω
VS = VS(OP),max
refer to Figure 18
P_7.6.15
Drain to Source Output
clamping voltage
VDS(CL)
42
46
55
V
IL = 20 mA
for High-Side
Configuration VS =
VOUT_Dn= 36 V
P_7.6.16
Source to Ground Output
clamping voltage
Auto-configurable channels
VOUT_S(CL)
-25
–
-16
V
IL = 20 mA
P_7.6.17
Source to Ground Output
clamping voltage
High-side channels
VOUT(CL)
-25
–
-16
V
IL = 20 mA
P_7.6.18
Output leakage current
(each channel)
TJ ≤ 85 °C
(Auto-configurable and
High-Side channels)
IL(OFF)
–0.01
0.5
µA
1)
VIN = 0 V or floating
VDS = 28 V
VOUT_S = 1.5V
OUT.OUTn = 0
TJ ≤ 85 °C
P_7.6.47
Output leakage current
(each channel)
TJ = 150 °C
(Auto-configurable and
High-Side channels)
IL(OFF)
–0.1
5
µA
1)
VIN = 0 V or floating
VDS = 28 V
VOUT_S = 1.5V
OUT.OUTn = 0
TJ = 150 °C
P_7.6.49
Timings
Turn-ON delay
(from INn pin or bit to VOUT=
90% VS)
( auto-configurable
channels used as Low-Side
switches)
tDELAY(ON)
14
8µs
RL = 50 Ω
VS= 13.5 V
Active mode or
Limp Home mode
P_7.6.28
Table 10
Electrical Characteristics: Power Stage (cont’d)
VDD = 3 V to 5.5 V, VS = 7 V to 18 V, TJ = -40 °C to +150 °C (unless otherwise specified)
Typical values: VDD = 5 V, VS = 13.5 V, TJ = 25 °C
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com