Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 60 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 60 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 56Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 57Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 58Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 59Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 60Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 61Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 62Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 63Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 64Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 81 page
background image
Datasheet
60
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Serial Peripheral Interface (SPI)
Transfer delay time (rising CSN to
falling CSN)
tCSN(td)
250
–
–
ns
1)
VDD = 4.5 V or VS
> 7 V
P_10.4.19
Output enable time (falling CSN to
SO valid)
tSO(en)
–
–
200
ns
1)
VDD = 4.5 V or VS
> 7 V
CL = 20 pF at SO
pin
P_10.4.20
Output disable time (rising CSN to
SO tristate)
tSO(dis)
–
–
200
ns
1)
VDD = 4.5 V or VS
> 7 V
CL = 20 pF at SO
pin
P_10.4.21
Serial clock frequency
fSCLK
––
5
MHz 1)
VDD = 4.5 V or VS
> 7 V
P_10.4.22
Serial clock period
tSCLK(P)
200
–
–
ns
1)
VDD = 4.5 V or VS
> 7 V
P_10.4.23
Serial clock “high” time
tSCLK(H)
75
–
–
ns
1)
VDD = 4.5 V or VS
> 7 V
P_10.4.24
Serial clock “low” time
tSCLK(L)
75
–
–
ns
1)
VDD = 4.5 V or VS
> 7 V
P_10.4.25
Data setup time (required time SI
to falling SCLK)
tSI(su)
20
–
–
ns
1)
VDD = 4.5 V or VS
> 7 V
P_10.4.26
Data hold time (falling SCLK to SI) tSI(h)
20
–
–
ns
1)
VDD = 4.5 V or VS
> 7 V
P_10.4.27
Output data valid time with
capacitive load
tSO(v)
–
–
100
ns
1)
VDD = 4.5 V or VS
> 7 V
CL = 20 pF at SO
pin
P_10.4.28
Enable lead time (falling CSN to
rising SCLK)
tCSN(lead) 1–
–
μs
1)
VDD = VS = 3.0 V
P_10.4.29
Enable lag time (falling SCLK to
rising CSN)
tCSN(lag)
1–
–
μs
1)
VDD = VS = 3.0 V
P_10.4.30
Transfer delay time (rising CSN to
falling CSN)
tCSN(td)
1.25
–
–
μs
1)
VDD = VS = 3.0 V
P_10.4.31
Table 13
Electrical Characteristics Serial Peripheral Interface (SPI) (cont’d)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com