Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 54 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 54 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 50Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 51Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 52Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 53Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 54Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 55Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 56Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 57Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 58Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 81 page
background image
Datasheet
54
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Diagnosis
9.4
Electrical Characteristics Diagnosis
Table 12
Electrical Characteristics Diagnosis
VDD = 3 V to 5.5 V, VS = 7 V to 18 V, TJ = -40 °C to +150 °C (unless otherwise specified)
Typical values: VDD = 5 V, VS = 13.5 V, TJ = 25 °C
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Output Status Monitor
Output Status Monitor
comparator settling time
tOSM
––
20
µs
1)
P_9.5.1
Output Status Monitor
threshold voltage
(auto-configurablechannels
used as Low-Side switches)
VDS(OL)
33.3
3.6
V
P_9.5.2
Output Status Monitor
threshold voltage
(High-Side channels)
VOUT(OL)
33.3
3.6
V
2)
P_9.5.3
Output Status Monitor
threshold voltage
(auto-configurablechannels
used as High-Side switches)
VOUT_S(OL)
33.3
3.6
V
3)
P_9.5.4
Output diagnosis current
IOL
70
85
100
µA
VDS = 3.3 V
(auto-configurable
channels used as
Low-Side
switches)
VOUT = 3.3 V (High-
Side channels)
VOUT_S = 3.3 V
(auto-configurable
channels used as
High-Side
switches)
P_9.5.5
Open Load equivalent
resistance
ROL
30
–
300
kΩ
1)
P_9.5.6
Open Load at ON
Open Load at ON Diagnosis
waiting time before mux
activation
tONMAX
40
58
76
µs
1)
P_9.5.7
Open Load at ON Diagnosis
settling time
tOLONSET
–20
40
µs
1)
P_9.5.8
Open Load at ON Diagnosis
channel switching time
tOLONSW
–10
20
µs
1)
P_9.5.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com