Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 11Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 12Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 13Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 14Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 15Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 16Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 17Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 18Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 81 page
background image
Datasheet
15
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
General Product Characteristics
4.3.2
Thermal Impedance
Figure 8
Typical Thermal Impedance. PCB setup according Chapter 4.3.1
Figure 9
Typical Thermal Resistance. PCB setup 1s0p
0.1
1
10
100
0.0001
0.001
0.01
0.1
1
10
100
1000
Time [s]
8 Channels
2s2p
1s0p - 600 mm²
1s0p - 300 mm²
1s0p - footprint
30.00
40.00
50.00
60.00
70.00
80.00
90.00
100.00
0
100
200
300
400
500
600
700
Area [mm²]
8 Channels
1s0p - Tamb = 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com