Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 2Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 3Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 4Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 5Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 6Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 7Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 8Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 9Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 81 page
background image
Datasheet
6
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Block Diagram and Terms
2.2
Terms
Figure 3 shows all terms used in this data sheet, with associated convention for positive values.
Figure 3
Voltage and Current definition
In all tables of electrical characteristics the channel related symbols without channel numbers are valid for
each channel separately (e.g. VDS specification is valid for VDS0 ... VDS7).
Furthermore, parameters relative to output current can be indicated without specifying whether the current
is going into the Drain pin or going out of the Source pin, unless otherwise specified. For instance, nominal
output current can be indicated in the following ways: IL(NOM) IL_HS(NOM) IL_D(NOM) IL_S(NOM)
All SPI registers bits are marked as follows: ADDR.PARAMETER (e.g. HWCR.RST) with the exception of the
bits in the Diagnosis frames which are marked only with PARAMETER (e.g. UVRVS).
Terms_620.emf
VIN1
VS
VSO
IVDD
ISI
ICSN
IVS
VDD
IDLE
SI
CSN
VS
IIN1
IN1
ISCLK
SCLK
IIN0
IN0
OUT0_HS
OUT3_D
IIDLE
OUT1_HS
SO
ISO
OUT3_S
IL_D3
IL_S3
GND
IGND
OUT4_D
OUT4_S
IL_D4
IL_S4
OUT5_D
OUT5_S
IL_D5
IL_S5
OUT6_D
OUT6_S
IL_D6
IL_S6
OUT7_D
OUT7_S
IL_D7
IL_S7
VOUT1
VOUT0
VSI
VSCLK
VCSN
VIN0
VIDLE
VDD
VOUT7_S
VOUT7_D
VDS7
VOUT6_S
VOUT6_D
VDS6
VOUT5_S
VOUT5_D
VDS5
VOUT4_S
VOUT4_D
VDS4
VOUT3_S
VOUT3_D
VDS3
VOUT2_S
VOUT2_D
VDS2
IL_D2
IL_S2
OUT2_D
OUT2_S
IL_S0
IL_S1
VDS0
VDS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com