Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 6Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 7Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 8Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 9Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 10Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 11Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 12Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 13Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 81 page
background image
Datasheet
10
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Table 2
Absolute Maximum Ratings 1)
TJ = -40 °C to +150 °C
all voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ. Max.
Supply Voltages
Analog Supply voltage
VS
-0.3
–
28
V
–
P_4.1.1
Digital Supply voltage
VDD
-0.3
–
5.5
V
–
P_4.1.2
Supply voltage for load dump
protection
VS(LD)
––
42
V
2)
P_4.1.3
Supply voltage for short circuit
protection (single pulse)
VS(SC)
0–
28
V
–
P_4.1.4
Reverse polarity voltage
-VS(REV)
––
16
V
3)
TJ(0) = 25 °C
t ≤ 2 min
See Chapter 11 for
general setup.
RL =70 Ω on all
channels
P_4.1.5
Current through VS pin
IVS
-10
–
10
mA
t ≤ 2 min
P_4.1.7
Current through VDD pin
IVDD
-50
–
10
mA
t ≤ 2 min
P_4.1.8
Power Stages
Load current
|IL|–
–
IL(OVL0)
A
single channel
P_4.1.9
Voltage at power transistor
VDS
-0.3
–
42
V
–
P_4.1.10
Power transistor source voltage VOUT_S
-16
–
VOUT_D
+0.3
V–
P_4.1.11
Power transistor drain voltage
(VOUT_S ≥ 0V)
VOUT_D
VOUT_S -
0.3
–42
V
–
P_4.1.12
Power transistor drain voltage
(VOUT_S < 0 V)
VOUT_D
-0.3
–
42
V
–
P_4.1.59
Maximum energy dissipation
single pulse
EAS
––
50
mJ
4)
TJ(0) = 25 °C
IL(0) = 2*IL(EAR)
P_4.1.13
Maximum energy dissipation
single pulse
EAS
––
25
mJ
4)
TJ(0) = 150 °C
IL(0) = 400 mA
P_4.1.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com