Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 4Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 5Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 6Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 7Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 8Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 9Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 10Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 11Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 81 page
background image
Datasheet
8
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Pin Configuration
3.2
Pin Definitions and Functions
Pin
Symbol
I/O
Function
Power Supply Pins
20
VS
–
Analog supply VS
Positive supply voltage for power switches gate control (incl.
protections)
24
VDD
–
Digital supply VDD
Supply voltage for SPI with support function to VS
5GND
–
Ground
Ground connection
SPI Pins
1CSN
I
Chip Select
“low” active, integrated pull-up to VDD
2SCLK
I
Serial Clock
“high” active, integrated pull-down to ground
3SI
I
Serial Input
“high” active, integrated pull-down to ground
4SO
O
Serial Output
“Z” (tri-state) when CSN is “high”
Input and Stand-by Pins
21
IDLE
I
Idle mode
power mode control, “high” activates Idle mode, integrated pull-down
to ground
23
IN0
I
Input pin 0
connected to channel 2 by default and in Limp Home mode, “high”
active, integrated pull-down to ground
22
IN1
I
Input pin 1
connected to channel 3 by default and in Limp Home mode, “high”
active, integrated pull-down to ground
Power Ouput Pins
6
OUT0_HS
O
Source of high-side power transistor (channel 0)
7
OUT2_D
O
Drain of auto configurable power transistor (channel 2)
8
OUT2_S
O
Source of auto configurable power transistor (channel 2)
9
OUT4_D
O
Drain of auto configurable power transistor (channel 4)
10
OUT4_S
O
Source of auto configurable power transistor (channel 4)
11
OUT6_S
O
Source of auto configurable power transistor (channel 6)
12
OUT6_D
O
Drain of auto configurable power transistor (channel 6)
13
OUT7_D
O
Drain of auto configurable power transistor (channel 7)
14
OUT7_S
O
Source of auto configurable power transistor (channel 7)
15
OUT5_S
O
Source of auto configurable power transistor (channel 5)
16
OUT5_D
O
Drain of auto configurable power transistor (channel 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com