Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 14Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 15Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 16Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 17Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 18Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 19Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 20Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 21Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 81 page
background image
Datasheet
18
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Control Pins
5.3
Electrical Characteristics Control Pins
Table 5
Electrical Characteristics: Control Pins
VDD = 3 V to 5.5 V, VS = 7 V to 18 V, TJ = -40 °C to +150 °C (unless otherwise specified)
Typical values: VDD = 5 V, VS = 13.5 V, TJ = 25 °C
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
IDLE pin
L-input level
VIDLE(L)
00.8
V
–
P_5.3.1
H-input level
VIDLE(H)
2.0
5.5
V
–
P_5.3.2
L-input current
IIDLE(L)
512
20
μA
VIDLE = 0.8 V
P_5.3.3
H-input current
IIDLE(H)
14
28
45
μA
VIDLE = 2.0 V
P_5.3.4
Input Pins
L-input level
VIN(L)
00.8
V
–
P_5.3.5
H-input level
VIN(H)
2.0
5.5
V
–
P_5.3.6
L-input current
IIN(L)
512
20
μA
VIN = 0.8 V
P_5.3.7
H-input current
IIN(H)
14
28
45
μA
VIN = 2.0 V
P_5.3.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com