Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75620-EST Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 8Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 9Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 10Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 11Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 12Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 13Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 14Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 15Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 81 page
background image
Datasheet
12
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
General Product Characteristics
Notes
1. Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
4.2
Functional Range
Note:
Within the functional or operating range, the IC operates as described in the circuit description. The
electrical characteristics are specified within the conditions given in the Electrical Characteristics
table.
ESD Susceptibility CDM
Pin 1, 12, 13, 24 (corner pins)
VESD
-750
–
750
V
6)
CDM
P_4.1.52
ESD Susceptibility CDM
VESD
-500
–
500
V
6)
CDM
P_4.1.54
1) Not subject to production test, specified by design.
2) For a duration of ton = 400 ms; ton/toff = 10%; limited to 100 pulses
3) Device is mounted on a FR4 2s2p board according to Jedec JESD51-2,-5,-7 at natural convection; the Product
(Chip+Package) was simulated on a 76.2 *114.3 *1.5 mm board with 2 inner copper layers (2 * 70 µm Cu, 2 * 35 µm Cu).
Where applicable a thermal via array under the exposed pad contacted the first inner copper layer.
4) Pulse shape represents inductive switch off: IL(t) = IL(0) x (1 - t / tpulse); 0 < t < tpulse
5) ESD susceptibility, HBM according to ANSI/ESDA/JEDEC JS001 (1.5k Ω, 100 pF)
6) ESD susceptibility, Charged Device Model “CDM” ESDA STM5.3.1 or ANSI/ESD S.5.3.1
Table 3
Functional range
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ.
Max.
Supply Voltage Range for
Normal Operation
VS(NOR)
7–
18
V
–
P_4.2.1
Upper Supply Voltage Range
for Extended Operation
VS(EXT,UP)
18
–
28
V
Parameter
deviation possible
P_4.2.2
Lower Supply Voltage Range
for Extended Operation
VS(EXT,LOW) 3
–
7
V
Parameter
deviation possible
P_4.2.3
Junction Temperature
TJ
-40
–
150
°C
–
P_4.2.4
Logic supply voltage
VDD
3–
5.5
V
–
P_4.2.5
Table 2
Absolute Maximum Ratings (cont’d)1)
TJ = -40 °C to +150 °C
all voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com