Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 16 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 16 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 12Page - Texas Instruments MCT8317A Datasheet HTML 13Page - Texas Instruments MCT8317A Datasheet HTML 14Page - Texas Instruments MCT8317A Datasheet HTML 15Page - Texas Instruments MCT8317A Datasheet HTML 16Page - Texas Instruments MCT8317A Datasheet HTML 17Page - Texas Instruments MCT8317A Datasheet HTML 18Page - Texas Instruments MCT8317A Datasheet HTML 19Page - Texas Instruments MCT8317A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 161 page
background image
8.2 Functional Block Diagram
Optional external
clock reference
EEPROM
Sensorless Trap
Engine
VM
PGND
ISENA
OUTA
OUTA
VCP
VGLS
PGND
VM
PGND
Integrated
current
sensing
ISENB
OUTB
OUTB
VCP
VGLS
PGND
VM
PGND
Integrated
current
sensing
ISENC
OUTC
OUTC
VCP
VGLS
PGND
PGND
PGND
PGND
VM
VM
VIN_AVDD
CP
CPH
CPL
CCP
1µF
CFLY 47nF
Charge Pump
Integrated
current
sensing
VM
CVM1
0.1µF
CVM2
>10µF
+
DVDD
DGND
CDVDD
1µF
AVDD LDO
Regulator
AVDD
CAVDD 1µF
AGND
AVDD
Out
DVDD
LDO
Regulator
Speed/power loop
with profiles
Fast accel & decel
120° & 150° comm.
ISENA
ISENB
ISENC
Protection
Protection
Protection
Protection
Protection
Protection
SCL
SDA
2
EXT_WD
EXT_CLK
DACOUT1
DACOUT2/SOX
I
2C
Built-in 60-MHz
Oscillator
12-bit
ADC
12-bit
DAC
Variable
monitoring on
DACOUT1 &
DACOUT2 pins,
SOX output
Op onal external
clock reference
AVDD
VM
OUTA
OUTB
OUTC
A
AVDD
DACOUT2
CVIN_AVDD
1µF
PGND
BRAKE
DIR
SPEED/WAKE
FG
nFAULT
PWM, Freq.
or Analog
Input
AVDD
ALARM
IO Interface
AVDD
Note : VIN_AVDD can be tied to VM also
Figure 8-1. MCT8317A Functional Block Diagram
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com