Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 49 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 49 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 45Page - Texas Instruments MCT8317A Datasheet HTML 46Page - Texas Instruments MCT8317A Datasheet HTML 47Page - Texas Instruments MCT8317A Datasheet HTML 48Page - Texas Instruments MCT8317A Datasheet HTML 49Page - Texas Instruments MCT8317A Datasheet HTML 50Page - Texas Instruments MCT8317A Datasheet HTML 51Page - Texas Instruments MCT8317A Datasheet HTML 52Page - Texas Instruments MCT8317A Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 161 page
background image
Degauss time(shown by double-sided arrow) after commutation during which the outgoing(floating) phase
voltage is clamped to VM(by negative outgoing phase current) during increasing back-EMF; sampling of
back-EMF(denoted by *) should start after degauss time is over for accurate zero cross instant detection
Degauss time(shown by double-sided arrow) after commutation during which the outgoing(floating) phase
voltage is clamped to PGND(by positive outgoing phase current) during decreasing back-EMF; sampling of
back-EMF(denoted by *) should start after degauss time is over for accurate zero cross instant detection
*
*
*
*
*
*
*
PGND
VM
PGND
VM
*
VM
2
VM
2
Figure 8-36. Degauss Time
8.3.16 Fast Deceleration
MCT8317A has the capability to decelerate a motor quickly (100% to 10% speed reduction within tens of ms)
without pumping energy back into the input DC supply using the fast deceleration feature in conjunction with
the AVS feature. The fast deceleration feature can be enabled by setting FAST_DECEL_EN to 1b; AVS_EN
should be set to 1b to prevent energy pump-back into the input DC supply. This combination enables a linear
braking effect resulting in a fast and smooth speed reduction without energy pump-back into the DC input supply.
This feature combination can also be used during reverse drive (see Reverse Drive) or motor stop (see Active
Spin-Down) to reduce the motor speed quickly without energy pump-back into the DC input supply.
The deceleration time can be controlled by appropriately configuring the current limit during deceleration,
FAST_DECEL_CURR_LIM. A higher current limit results in a lower deceleration time and vice-versa. A
higher than necessary current limit setting may result in motor stall faults, at low target speeds, due to
excessive braking torque. This can also lead to higher losses in MCT8317A, especially in repeated acceleration-
deceleration cycles. Therefore, the FAST_DECEL_CURR_LIM should be chosen appropriately, so as to
decelerate within the required time without resulting in stall faults or overheating.
FAST_BRK_DELTA is used to configure the target speed hysteresis band to exit the fast deceleration mode and
re-enter motoring mode when motor reaches the target speed. For example, if FAST_BRK_DELTA is set to 1%,
the fast deceleration is deemed complete when motor speed reaches within 1% of target speed. Setting a higher
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com