Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 98 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 98 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 94Page - Texas Instruments MCT8317A Datasheet HTML 95Page - Texas Instruments MCT8317A Datasheet HTML 96Page - Texas Instruments MCT8317A Datasheet HTML 97Page - Texas Instruments MCT8317A Datasheet HTML 98Page - Texas Instruments MCT8317A Datasheet HTML 99Page - Texas Instruments MCT8317A Datasheet HTML 100Page - Texas Instruments MCT8317A Datasheet HTML 101Page - Texas Instruments MCT8317A Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 161 page
background image
8.7.1.8 CONST_SPEED Register (Offset = 8Eh) [Reset = 00000000h]
CONST_SPEED is shown in Figure 8-56 and described in Table 8-18.
Return to the Table 8-9.
Register to configure Constant speed mode settings
Figure 8-56. CONST_SPEED Register
31
30
29
28
27
26
25
24
PARITY
RESERVED
SPD_POWER_KP
R/W-0h
R/W-0h
R/W-0h
23
22
21
20
19
18
17
16
SPD_POWER_KP
SPD_POWER_KI
R/W-0h
R/W-0h
15
14
13
12
11
10
9
8
SPD_POWER_KI
R/W-0h
7
6
5
4
3
2
1
0
SPD_POWER_V_MAX
SPD_POWER_V_MIN
CLOSED_LOOP_MODE
R/W-0h
R/W-0h
R/W-0h
Table 8-18. CONST_SPEED Register Field Descriptions
Bit
Field
Type
Reset
Description
31
PARITY
R/W
0h
Parity bit
30
RESERVED
R/W
0h
Reserved
29-20
SPD_POWER_KP
R/W
0h
Speed/ Power loop Kp (Kp = SPD_LOOP_KP / 10000)
19-8
SPD_POWER_KI
R/W
0h
Speed/ Power loop Ki (Ki = SPD_LOOP_KI / 1000000)
7-5
SPD_POWER_V_MAX
R/W
0h
Upper saturation limit for speed/ power loop
0h = 100 %
1h = 95 %
2h = 90 %
3h = 85 %
4h = 80 %
5h = 75 %
6h = 70%
7h = 65 %
4-2
SPD_POWER_V_MIN
R/W
0h
Lower saturation limit for speed/power loop
0h = 0 %
1h = 2.5 %
2h = 5 %
3h = 7.5 %
4h = 10 %
5h = 15 %
6h = 20 %
7h = 25 %
1-0
CLOSED_LOOP_MODE
R/W
0h
Closed loop mode
0h = Disabled
1h = Speed Loop
2h = Power Loop
3h = Reserved
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
98
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com