Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 34 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 34 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 30Page - Texas Instruments MCT8317A Datasheet HTML 31Page - Texas Instruments MCT8317A Datasheet HTML 32Page - Texas Instruments MCT8317A Datasheet HTML 33Page - Texas Instruments MCT8317A Datasheet HTML 34Page - Texas Instruments MCT8317A Datasheet HTML 35Page - Texas Instruments MCT8317A Datasheet HTML 36Page - Texas Instruments MCT8317A Datasheet HTML 37Page - Texas Instruments MCT8317A Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 161 page
background image
BEMF >
RESYNC_MIN_THRESHOLD
Judgement
If motor speed is such that BEMF > RESYNC_MIN_THRESHOLD,
MCT8317A uses the speed and position information from ISD to
transition to the closed loop state (see Section 8.3.9.2 ) directly. If
BEMF < RESYNC_MIN_THRESHOLD, MCT8317A proceeds to BEMF <
STAT_DETECT_THR judgement.
BEMF < STAT_DETECT_THR
Judgement
If motor speed is such that BEMF > STAT_DETECT_THR, MCT8317A
proceeds to motor coast timeout. If BEMF < STAT_DETECT_THR,
MCT8317A proceeds to STAT_BRK_EN judgement.
Motor Coast Timeout
MCT8317A waits for 200000 PWM cycles for the motor to coast down to
a speed where BEMF < STAT_DETECT_THR; after 200000 PWM cycles
lapse in the motor coast state, MCT8317A proceeds to STAT_BRK_EN
judgement irrespective of BEMF. If BEMF < STAT_DETECT_THR during
motor coast before the 200000 cycle timeout, MCT8317A proceeds to
STAT_BRK_EN judgement immediately.
RVS_DR_EN Judgement
The MSS checks to see if the reverse drive function is enabled
(RVS_DR_EN = 1b). If it is enabled, the MSS transitions to check speed
of the motor in reverse direction. If the reverse drive function is not enabled
(RVS_DR_EN = 0b), the MSS advances to the HIZ_EN judgement.
Speed > MIN_DUTY Judgement The MSS checks if the speed (in reverse direction) is higher than the
speed at MIN_DUTY - till the speed (in reverse direction) is higher than
the speed at MIN_DUTY, MSS stays in reverse closed loop deceleration.
When speed (in reverse direction) drops below the speed at MIN_DUTY, the
MSS transitions to reverse open loop deceleration.
Reverse Open Loop
Deceleration and Zero Speed
Crossover
In reverse open loop deceleration, the MCT8317A decelerates the motor
in open-loop till speed reaches zero. At zero speed, direction changes and
MCT8317A begins open loop acceleration.
HIZ_EN Judgement
The MSS checks to determine whether the coast (Hi-Z) function is enabled
(HIZ_EN = 1b). If the coast function is enabled (HIZ_EN = 1b), the MSS
advances to the coast routine. If the coast function is disabled (HIZ_EN =
0b), the MSS advances to the BRAKE_EN judgement.
Coast (Hi-Z) Routine
The device coasts the motor by turning OFF all six MOSFETs for a certain
time configured by HIZ_TIME.
BRAKE_EN Judgement
The MSS checks to determine whether the brake function is enabled
(BRAKE_EN = 1b). If the brake function is enabled (BRAKE_EN = 1b),
the MSS advances to the brake routine. If the brake function is disabled
(BRAKE_EN = 0b), the MSS advances to the motor start-up state (see
Section 8.3.9.4).
Brake Routine
MCT8317A implements either a time based brake (duration configured by
BRK_TIME) or a current based brake (brake applied till phase currents
< BRK_CURR_THR) based on BRK_CONFIG. Current based brake is
followed by an additional brake time to ensure the motor is stationary before
start-up; this additional brake time is configured by STARTUP_BRK_TIME.
Brake is applied either using high-side or low-side MOSFETs based on
BRK_MODE configuration.
Closed Loop
In this state, the MCT8317A drives the motor with sensorless trapezoidal
commutation based on either zero cross detection or BEMF integration.
8.3.9.1 Initial Speed Detect (ISD)
The ISD function is used to identify the initial condition of the motor and is enabled by setting ISD_EN to 1b. The
initial speed, position and direction is determined by sampling the phase voltage through the internal ADC. ISD
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
34
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com