Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 94 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 94 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 90Page - Texas Instruments MCT8317A Datasheet HTML 91Page - Texas Instruments MCT8317A Datasheet HTML 92Page - Texas Instruments MCT8317A Datasheet HTML 93Page - Texas Instruments MCT8317A Datasheet HTML 94Page - Texas Instruments MCT8317A Datasheet HTML 95Page - Texas Instruments MCT8317A Datasheet HTML 96Page - Texas Instruments MCT8317A Datasheet HTML 97Page - Texas Instruments MCT8317A Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 161 page
background image
Table 8-16. CLOSED_LOOP3 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
10-8
DYN_DGS_FILT_COUNT R/W
0h
Number of samples needed for dynamic degauss check
0h = 3
1h = 6
2h = 9
3h = 12
4h = 15
5h = 20
6h = 30
7h = 40
7-6
DYN_DGS_UPPER_LIM
R/W
2h
Dynamic degauss voltage upper bound
0h = (VM - 0.09) V
1h = (VM - 0.12) V
2h = (VM - 0.15) V
3h = (VM - 0.18) V
5-4
DYN_DGS_LOWER_LIM
R/W
2h
Dynamic degauss voltage lower bound
0h = 0.03 V
1h = 0.06 V
2h = 0.09 V
3h = 0.12 V
3-1
DEGAUSS_MAX_WIN
R/W
0h
Maximum degauss window
0h = 22.5°
1h = 10°
2h = 15°
3h = 18°
4h = 30°
5h = 37.5°
6h = 45°
7h = 60°
0
DYN_DEGAUSS_EN
R/W
0h
Dynamic degauss detection
0h = Disable
1h = Enable
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
94
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com