Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 90 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 90 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 86Page - Texas Instruments MCT8317A Datasheet HTML 87Page - Texas Instruments MCT8317A Datasheet HTML 88Page - Texas Instruments MCT8317A Datasheet HTML 89Page - Texas Instruments MCT8317A Datasheet HTML 90Page - Texas Instruments MCT8317A Datasheet HTML 91Page - Texas Instruments MCT8317A Datasheet HTML 92Page - Texas Instruments MCT8317A Datasheet HTML 93Page - Texas Instruments MCT8317A Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 161 page
background image
Table 8-15. CLOSED_LOOP2 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
6-2
CBC_ILIMIT
R/W
0h
Cycle by Cycle (CBC) current limit (CBC current limit (A) =
CBC_ILIMIT / CSA_GAIN)
0h = 0.0 V
1h = 0.1 V
2h = 0.2 V
3h = 0.3 V
4h = 0.4 V
5h = 0.5 V
6h = 0.6 V
7h = 0.7 V
8h = 0.8 V
9h = 0.9 V
Ah = 1.0 V
Bh = 1.1 V
Ch = 1.2 V
Dh = 1.3 V
Eh = 1.4 V
Fh = 1.5 V
10h = N/A
11h = N/A
12h = N/A
13h = N/A
14h = N/A
15h = N/A
16h = N/A
17h = N/A
18h = N/A
19h = N/A
1Ah = N/A
1Bh = N/A
1Ch = N/A
1Dh = N/A
1Eh = N/A
1Fh = N/A
1
OL_ILIMIT_CONFIG
R/W
0h
Open loop current limit configuration
0h = Open loop current limit defined by OL_ILIMIT
1h = Open loop current limit defined by ILIMIT
0
INTEG_ZC_METHOD
R/W
0h
Commutation method select
0h = ZC based
1h = Integration based
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
90
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com