Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 74 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 74 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 70Page - Texas Instruments MCT8317A Datasheet HTML 71Page - Texas Instruments MCT8317A Datasheet HTML 72Page - Texas Instruments MCT8317A Datasheet HTML 73Page - Texas Instruments MCT8317A Datasheet HTML 74Page - Texas Instruments MCT8317A Datasheet HTML 75Page - Texas Instruments MCT8317A Datasheet HTML 76Page - Texas Instruments MCT8317A Datasheet HTML 77Page - Texas Instruments MCT8317A Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 161 page
background image
Table 8-11. ISD_CONFIG Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
21
BRK_MODE
R/W
0h
Brake mode
0h = All three low-side FETs turned ON
1h = All three high-side FETs turned ON
20
RESERVED
R/W
0h
Reserved
19-17
RESERVED
R/W
0h
Reserved
16-13
BRK_TIME
R/W
0h
Brake time
0h = 10 ms
1h = 50 ms
2h = 100 ms
3h = 200 ms
4h = 300 ms
5h = 400 ms
6h = 500 ms
7h = 750 ms
8h = 1 s
9h = 2 s
Ah = 3 s
Bh = 4 s
Ch = 5 s
Dh = 7.5 s
Eh = 10 s
Fh = 15 s
12-9
HIZ_TIME
R/W
0h
Hi-Z time
0h = 10 ms
1h = 50 ms
2h = 100 ms
3h = 200 ms
4h = 300 ms
5h = 400 ms
6h = 500 ms
7h = 750 ms
8h = 1 s
9h = 2 s
Ah = 3 s
Bh = 4 s
Ch = 5 s
Dh = 7.5 s
Eh = 10 s
Fh = 15 s
8-6
STARTUP_BRK_TIME
R/W
0h
Brake time when motor is stationary
0h = 1 ms
1h = 10 ms
2h = 25 ms
3h = 50 ms
4h = 100 ms
5h = 250 ms
6h = 500 ms
7h = 1000 ms
5-3
RESYNC_MIN_THRESH
OLD
R/W
0h
Minimum phase BEMF below which the motor is coasted instead of
resync
0h = computed based on MIN_DUTY
1h = 300 mV
2h = 400 mV
3h = 500 mV
4h = 600 mV
5h = 800 mV
6h = 1000 mV
7h = 1250 mV
2-1
MTR_STARTUP
R/W
0h
Motor start-up method
0h = Align
1h = Double Align
2h = IPD
3h = Slow first cycle
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
74
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com