Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 43 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 43 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 39Page - Texas Instruments MCT8317A Datasheet HTML 40Page - Texas Instruments MCT8317A Datasheet HTML 41Page - Texas Instruments MCT8317A Datasheet HTML 42Page - Texas Instruments MCT8317A Datasheet HTML 43Page - Texas Instruments MCT8317A Datasheet HTML 44Page - Texas Instruments MCT8317A Datasheet HTML 45Page - Texas Instruments MCT8317A Datasheet HTML 46Page - Texas Instruments MCT8317A Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 161 page
background image
Phase
A
Phase
B
Phase
C
©
©
©
©
©
©
©
ZC
ZC
ZC
ZC
ZC
ZC
PHASE VOLTAGE
PHASE CURRENT
15 deg
30 deg
ZC
15 deg
Commuta on point
©
Back-EMF zero crossings
ZC
Figure 8-29. 150o commutation
Note
Different modulation modes are supported only with 120o commutation; variable commutation uses
mixed modulation mode only.
8.3.10.3 Lead Angle Control
To achieve the best efficiency, it is often desirable to control the drive state of the motor so that the motor
phase current is aligned with the motor BEMF voltage. MCT8317A provides the option to advance or delay the
phase voltage from the commutation point by adjusting the lead angle. The lead angle can be adjusted to obtain
optimal efficiency. This can be accomplished by operating the motor at constant speed and load conditions and
adjusting the lead angle (LD_ANGLE) until the minimum current is achieved. The MCT8317A has the capability
to apply both positive and negative lead angle (by configuring LD_ANGLE_POLARITY) as shown in Figure 8-30
Lead angle can be calculated by {LD_ANGLE x 0.12}o; for example, if the LD_ANGLE is 0x1E and
LD_ANGLE_POLARITY is 1b, then a lead angle of +3.6o(advance) is applied. If LD_ANGLE_POLARITY is
0b, then a lead angle of -3.6o(delay) is applied.
Note
For 120o commutation, the negative lead angle is limited to -20o; any lead angle lower than that will be
clamped to -20o.
For variable commutation, negative lead angle is not supported and positive lead angle is limited
to +15o. Anything configured higher than +15o or lower than 00 will be clamped to 15o and 0o
respectively.
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com