Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 9 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 9 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 5Page - Texas Instruments MCT8317A Datasheet HTML 6Page - Texas Instruments MCT8317A Datasheet HTML 7Page - Texas Instruments MCT8317A Datasheet HTML 8Page - Texas Instruments MCT8317A Datasheet HTML 9Page - Texas Instruments MCT8317A Datasheet HTML 10Page - Texas Instruments MCT8317A Datasheet HTML 11Page - Texas Instruments MCT8317A Datasheet HTML 12Page - Texas Instruments MCT8317A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 161 page
background image
TJ = –40°C to +150°C, VVM = 4.5 to 20 V (unless otherwise noted). Typical limits apply for TA = 25°C, VVM = 12 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VEN_SL
Analog voltage to enter sleep mode
SPD_CTRL_MODE = 00b (analog
mode)
40
mV
VEX_SL
Analog voltage to exit sleep mode
SPD_CTRL_MODE = 00b (analog
mode)
2.2
V
tDET_ANA
Time needed to detect wake up signal on
SPEED pin
SPD_CTRL_MODE = 00b (analog
mode)
VSPEED > VEX_SL
0.5
1
1.5
μs
tWAKE
Wakeup time from sleep mode
VSPEED > VEX_SL to DVDD voltage
available, SPD_CTRL_MODE = 01b
(PWM mode)
3
5
ms
tEX_SL_DR_A
NA
Time taken to drive motor after exiting
from sleep mode
SPD_CTRL_MODE = 00b (analog
mode)
VSPEED > VEN_SL, ISD detection disabled
20
ms
tDET_PWM
Time needed to detect wake up signal on
SPEED pin
SPD_CTRL_MODE = 01b (PWM mode)
VSPEED > VIH
0.5
1
1.5
μs
tWAKE_PWM
Wakeup time from sleep mode
VSPEED > VIH to DVDD voltage available
and release nFault, SPD_CTRL_MODE
= 01b (PWM mode)
3
5
ms
tEX_SL_DR_P
WM
Time taken to drive motor after wakeup
from sleep state
SPD_CTRL_MODE = 01b (PWM mode)
VSPEED > VIH, ISD detection disabled
20
ms
tDET_SL_ANA Time needed to detect sleep command
SPD_CTRL_MODE = 00b (analog
mode)
VSPEED < VEN_SL , SLEEP_TIME = 00b
0.035
0.05
0.065
ms
SPD_CTRL_MODE = 00b (analog
mode)
VSPEED < VEN_SL , SLEEP_TIME = 01b
0.14
0.2
0.26
ms
SPD_CTRL_MODE = 00b (analog
mode)
VSPEED < VEN_SL , SLEEP_TIME = 10b
14
20
26
ms
SPD_CTRL_MODE = 00b (analog
mode)
VSPEED < VEN_SL , SLEEP_TIME = 11b
140
200
260
ms
tDET_SL_PWM Time needed to detect sleep command
SPD_CTRL_MODE = 01b (PWM mode)
or 11b (Freq mode)
VSPEED < VIL, SLEEP_TIME = 00b
0.035
0.05
0.065
ms
SPD_CTRL_MODE = 01b (PWM mode)
or 11b (Freq mode)
VSPEED < VIL, SLEEP_TIME = 01b
0.14
0.2
0.26
ms
SPD_CTRL_MODE = 01b (PWM mode)
or 11b (Freq mode)
VSPEED < VIL, SLEEP_TIME = 10b
14
20
26
ms
SPD_CTRL_MODE = 01b (PWM mode)
or 11b (Freq mode)
VSPEED < VIL, SLEEP_TIME = 11b
140
200
260
ms
tEN_SL
Time needed to stop driving motor after
detecting sleep command
VSPEED < VEN_SL (analog mode) or
VSPEED < VIL (PWM mode)
1
2
ms
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com