Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT8317A Datasheet(PDF) 14 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 14 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 10Page - Texas Instruments MCT8317A Datasheet HTML 11Page - Texas Instruments MCT8317A Datasheet HTML 12Page - Texas Instruments MCT8317A Datasheet HTML 13Page - Texas Instruments MCT8317A Datasheet HTML 14Page - Texas Instruments MCT8317A Datasheet HTML 15Page - Texas Instruments MCT8317A Datasheet HTML 16Page - Texas Instruments MCT8317A Datasheet HTML 17Page - Texas Instruments MCT8317A Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 161 page
background image
at TJ = –25°C to +125°C, VVM = 6 to 18 V (unless otherwise noted). Typical limits apply for TA = 25°C, VVM = 12 V
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
tLOW
Low period of the SCL clock
1.3
µs
tHIGH
High period of the SCL clock
0.6
µs
tSU_STA
Set-up time for a repeated START
condition
SCL rise (Tr 30% to 70% = 180ns-300ns),
SDA fall (Tf 70% to 30% = 6.5ns-106.5ns)
0.6
µs
tHD_DAT
I2C Start Data Hold Time (1)
SCL fall (Tf 70% to 30% =
6.5ns-106.5ns),
SDA rise (Tr 30% to 70% = 180ns-300ns)
or fall (Tf 70% to 30% = 6.5ns-106.5ns)
0 (2)
(3)
µs
I2C Input Data Transfer Hold Time (1)
SCL fall (Tf 70% to 30% =
6.5ns-106.5ns),
SDA rise (Tr 30% to 70% = 180ns-300ns)
or fall (Tf 70% to 30% =6.5ns-106.5ns)
0 (2)
(3)
µs
tSU_DAT
I2C False Start/Stop Data Set-up Time
SCL rise (Tr 30% to 70% = 180ns-300ns),
SDA rise (Tr 30% to 70% = 180ns-300ns)
or fall (Tf 70% to 30% = 6.5ns-106.5ns)
100 (4)
ns
I2C Input Data Transfer Set-up Time
SCL rise (Tr 30% to 70% = 180ns-300ns),
SDA rise (Tr 30% to 70% = 180ns-300ns)
or fall (Tf 70% to 30% = 6.5ns-106.5ns)
100 (4)
ns
tr
Rise time for both SDA and SCL signals
20
300
ns
tf
Fall time of both SDA and SCL signals (2)
(5) (6) (7)
4.36
300
ns
tSU_STO
Set-up time for STOP condition
SCL rise (Tr 30% to 70% = 180ns-300ns),
SDA rise (Tr 30% to 70% = 180ns-300ns)
0.6
µs
tBUF
Bus free time between STOP and START
condition
1.3
µs
Cb
Capacitive load for each bus line (8)
150
pF
tVD_DAT
Data valid time (9)
0.9 (3)
µs
tVD_ACK
Data valid acknowledge time (10)
0.9 (3)
µs
VnL
Noise margin at the Low level
No chattering at output for noise at VOL
0.12
V
Vnh
Noise margin at the High level
No chattering at output for noise at VOH
0.24
V
(1)
tHD_DAT is the data hold time that is measured from the falling edge of SCL, applies to data in transmission and the acknowledge.
(2)
A device must internally provide a hold time of at least 300 ns for the SDA signal (with respect to the VIH(min) of the SCL signal) to
bridge the undefined region of the falling edge of SCL.
(3)
The maximum tHD_DAT could be 3.45 us and .9 us for Standard-mode and Fast-mode, but must be less than the maximum of tVD_DAT or
tVD_ACK by a transition time. This maximum must only be met if the device does not stretch the LOW period (tLOW) of the SCL signal. If
the clock stretched the SCL, the data must be valid by the set-up time before it releases the clock.
(4)
A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system, but the requirement tSU_DAT 250 ns must then be met.
This will automatically be the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the
LOW period if the SCL signal, it must output the next data bit to the SDA line tr(max) + tSU_DAT = 1000 + 250 = 1250 ns (according to the
Standard-mode I2C-bus specification) before the SCL line is released. Also, the acknowledge timing must meet this set-up time.
(5)
If mixed with Hs-mode devices, faster fall times according to Table 10 are allowed.
(6)
The maximum tf for the SDA and SCL bus lines is specified at 300 ns. The maximum fall time for the SDA output stage tf is specified
at 250 ns. This allows series protection resistors to be connected in between the SDA and the SCL pins and the SDA/SCL bus lines
without exceeding the maximum specified tf.
(7)
In Fast-mode Plus, fall time is specified the same for both output stage and bus timing. If series resistors are used, designers should
allow for this when considering bus timing.
(8)
The maximum bus capacitance allowable may vary from the value depending on the actual operating voltage and frequency of the
application.
(9)
tVD_DAT = time for data signal from SCL LOW to SDA output (HIGH or LOW, depending on which one is worse).
(10) tVD_ACK = time for Acknowledgement signal from SCL LOW to SDA output (HIGH or LOW, depending on which one is worse).
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com